Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP07CPZ Datasheet(PDF) 3 Page - Analog Devices

Part # OP07CPZ
Description  Ultralow Offset Voltage Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP07CPZ Datasheet(HTML) 3 Page - Analog Devices

  OP07CPZ Datasheet HTML 1Page - Analog Devices OP07CPZ Datasheet HTML 2Page - Analog Devices OP07CPZ Datasheet HTML 3Page - Analog Devices OP07CPZ Datasheet HTML 4Page - Analog Devices OP07CPZ Datasheet HTML 5Page - Analog Devices OP07CPZ Datasheet HTML 6Page - Analog Devices OP07CPZ Datasheet HTML 7Page - Analog Devices OP07CPZ Datasheet HTML 8Page - Analog Devices OP07CPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Data Sheet
OP07
Rev. G | Page 3 of 16
SPECIFICATIONS
OP07E ELECTRICAL CHARACTERISTICS
VS = ±15 V, unless otherwise noted.
Table 1.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
INPUT CHARACTERISTICS
TA = 25°C
Input Offset Voltage1
VOS
30
75
μV
Long-Term VOS Stability2
VOS/Time
0.3
1.5
μV/Month
Input Offset Current
IOS
0.5
3.8
nA
Input Bias Current
IB
±1.2
±4.0
nA
Input Noise Voltage
en p-p
0.1 Hz to 10 Hz3
0.35
0.6
μV p-p
Input Noise Voltage Density
en
fO = 10 Hz
10.3
18.0
nV/√Hz
fO = 100 Hz3
10.0
13.0
nV/√Hz
fO = 1 kHz
9.6
11.0
nV/√Hz
Input Noise Current
In p-p
14
30
pA p-p
Input Noise Current Density
In
fO = 10 Hz
0.32
0.80
pA/√Hz
fO = 100 Hz3
0.14
0.23
pA/√Hz
fO = 1 kHz
0.12
0.17
pA/√Hz
Input Resistance, Differential Mode4
RIN
15
50
MΩ
Input Resistance, Common Mode
RINCM
160
GΩ
Input Voltage Range
IVR
±13
±14
V
Common-Mode Rejection Ratio
CMRR
VCM = ±13 V
106
123
dB
Power Supply Rejection Ratio
PSRR
VS = ±3 V to ±18 V
5
20
μV/V
Large Signal Voltage Gain
AVO
RL ≥ 2 kΩ, VO = ±10 V
200
500
V/mV
RL ≥ 500 Ω, VO = ±0.5 V, VS = ±3 V4
150
400
V/mV
0°C ≤ TA ≤ 70°C
Input Offset Voltage1
VOS
45
130
μV
Voltage Drift Without External Trim4
TCVOS
0.3
1.3
μV/°C
Voltage Drift with External Trim3
TCVOSN
RP = 20 kΩ
0.3
1.3
μV/°C
Input Offset Current
IOS
0.9
5.3
nA
Input Offset Current Drift
TCIOS
8
35
pA/°C
Input Bias Current
IB
±1.5
±5.5
nA
Input Bias Current Drift
TCIB
13
35
pA/°C
Input Voltage Range
IVR
±13
±13.5
V
Common-Mode Rejection Ratio
CMRR
VCM = ±13 V
103
123
dB
Power Supply Rejection Ratio
PSRR
VS = ±3 V to ±18 V
7
32
μV/V
Large Signal Voltage Gain
AVO
RL ≥ 2 kΩ, VO = ±10 V
180
450
V/mV
OUTPUT CHARACTERISTICS
TA = 25°C
Output Voltage Swing
VO
RL ≥ 10 kΩ
±12.5
±13.0
V
RL ≥ 2 kΩ
±12.0
±12.8
V
RL ≥ 1 kΩ
±10.5
±12.0
V
0°C ≤ TA ≤ 70°C
Output Voltage Swing
VO
RL ≥ 2 kΩ
±12
±12.6
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com