Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZT207F Datasheet (PDF) - Zywyn Corporation

ZT207F Datasheet PDF - Zywyn Corporation
Part # ZT207F
Download  ZT207F Download
File Size   467.29 Kbytes
Page   13 Pages
Manufacturer  ZYWYN [Zywyn Corporation]
Direct Link  
Logo ZYWYN - Zywyn Corporation
Description Low Power 5V 1000kbps RS232 Transceivers

ZT207F Datasheet (PDF)

Go To PDF Page Download Datasheet
ZT207F Datasheet PDF - Zywyn Corporation

Part # ZT207F
Download  ZT207F Click to download

File Size   467.29 Kbytes
Page   13 Pages
Manufacturer  ZYWYN [Zywyn Corporation]
Direct Link  
Logo ZYWYN - Zywyn Corporation
Description Low Power 5V 1000kbps RS232 Transceivers

ZT207F Datasheet (HTML) - Zywyn Corporation


ZT207F Product details

Features
• Meets EIA/TIA-232F and CCITT V.28/V.24 specifications for VCC at +5V ±10%
• Low Quiescent Current – 3mA typ., 6mA max.
• Low Shutdown Current (where applicable) - 1µA
typical, 10µA max.
• Guaranteed Standard Data Rate 1000kbps
• Proprietary Switch-Capacitor Regulated Voltage
Converters (patent pending)
• Wake Up Feature in Shutdown Mode
• Tri-State Receiver Outputs
• Latch-up Free
• ESD Protection for RS-232 I/O's
±15kV Human Body Model (HBM)
• Drop-in Replacements for SP207EH, SP208EH,
SP211EH, SP213EH
• Standard Data Rate at 250kbps Available on
ZT230E Series

General Description
The ZT230F series devices are 5V powered EIA/TIA-232 and
V.28/V.24 communication interfaces with low power requirements. They consist of the combinations of five line
drivers, five line receivers and the proprietary switch-capacitor regulated voltage converters. The ZT211F and ZT213F
feature a low power shutdown mode which draws as little
current as 1µA typical with receiver outputs tri-stated and
wake-up function. These devices operate from a single 5V
power supply at the guaranteed data rate of 1000k bits/sec
with enhanced electrostatic discharge (ESD) protection in
all RS232 I/O pins exceeding ±15kV HBM.

Applications
• Battery-Powered Applications
• Notebooks, Subnotebooks, and Palmtops
• Industrial and Embedded PCs
• Data Cables for Cell Phones and PDAs
• Terminal Adapters and POS terminals
• Peripherals interface
• Routers and HUBs




Similar Part No. - ZT207F

ManufacturerPart #DatasheetDescription
logo
Zywyn Corporation
ZT207E ZYWYN-ZT207E Datasheet
470Kb / 13P
Low Power 5V 250kbps RS232 Transceivers
August 2004 rev. 02
ZT207ECA ZYWYN-ZT207ECA Datasheet
470Kb / 13P
Low Power 5V 250kbps RS232 Transceivers
August 2004 rev. 02
ZT207ECT ZYWYN-ZT207ECT Datasheet
470Kb / 13P
Low Power 5V 250kbps RS232 Transceivers
August 2004 rev. 02
ZT207EEA ZYWYN-ZT207EEA Datasheet
470Kb / 13P
Low Power 5V 250kbps RS232 Transceivers
August 2004 rev. 02
ZT207EET ZYWYN-ZT207EET Datasheet
470Kb / 13P
Low Power 5V 250kbps RS232 Transceivers
August 2004 rev. 02
More results


Similar Description - ZT207F

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP207E SIPEX-SP207E Datasheet
160Kb / 16P
5V High Performance RS232 Transceivers
SP207EH SIPEX-SP207EH Datasheet
204Kb / 16P
High Speed 5V High Performance RS232 Transceivers
logo
Linear Technology
LTC1382 LINER-LTC1382 Datasheet
211Kb / 8P
5V Low Power RS232 Transceiver with Shutdown
LTC1383 LINER-LTC1383 Datasheet
212Kb / 8P
5V Low Power RS232 Transceiver
logo
Sipex Corporation
SP207E SIPEX-SP207E Datasheet
160Kb / 16P
5V High Performance RS232 Transceivers
SP207EH SIPEX-SP207EH Datasheet
204Kb / 16P
High Speed 5V High Performance RS232 Transceivers
logo
Linear Technology
LTC1383 LINER-LTC1383_1 Datasheet
114Kb / 8P
5V Low Power RS232 Transceiver
LTC1383 LINER-LTC1383_15 Datasheet
120Kb / 8P
5V Low Power RS232 Transceiver
logo
Exar Corporation
SP213ECA-L-TR EXAR-SP213ECA-L-TR Datasheet
212Kb / 17P
High Speed 5V High Performance RS232 Transceivers
SP213EHCA-L-TR EXAR-SP213EHCA-L-TR Datasheet
212Kb / 17P
High Speed 5V High Performance RS232 Transceivers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com