Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP207EH Datasheet (PDF) - Sipex Corporation

SP207EH Datasheet PDF - Sipex Corporation
Part # SP207EH
Download  SP207EH Download
File Size   204.16 Kbytes
Page   16 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description High Speed 5V High Performance RS232 Transceivers

SP207EH Datasheet (PDF)

Go To PDF Page Download Datasheet
SP207EH Datasheet PDF - Sipex Corporation

Part # SP207EH
Download  SP207EH Click to download

File Size   204.16 Kbytes
Page   16 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description High Speed 5V High Performance RS232 Transceivers

SP207EH Datasheet (HTML) - Sipex Corporation


SP207EH Product details

DESCRIPTION

The SP207EH/208EH/211EH/213EHdevices are high speed enhanced multi-channel RS-232 line transceivers with improved electrical performance. The SP207EH/208EH/211EH/213EHseries is a superior drop-in replacement to our previous versions as well as popular industry standards. All devices feature low-power CMOS construction and the Sipex-patented (5,306,954) on-board charge pump circuitry that generates the +10V RS-232 voltage levels using 0.1µF charge pump capacitors. The SP211Eand SP213E devices feature a low-power shutdown mode, which reduces power supply drain to 1µA. Enhancements to this series include a higher transmission rate of 500Kbps, a lower power supply current at 3mA typical (no load), and superior ESD performance. The ESD tolerance has been improved for this series to over +15kV for both Human Body Model and IEC1000-4-2 Air Discharge test methods.



■Single +5V Supply Operation

■0.1µF External Charge Pump Capacitors

■500Kbps Data Rate Under Load

■Standard SOIC and SSOP Packages

■Lower Supply Current Than Competition(typical 3mA)

■1µA Shutdown Mode

■WakeUp Feature in Shutdown Mode

■Tri–State Receiver Outputs

■Ideal for High Speed RS-232 Applications

■Improved ESD Specifications:

  +15kV Human Body Model

  +15kV IEC1000-4-2 Air Discharge

  +8kV IEC1000-4-2 Contact Discharge




Similar Part No. - SP207EH

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP207EH SIPEX-SP207EH Datasheet
204Kb / 16P
High Speed 5V High Performance RS232 Transceivers
SP207EHCA SIPEX-SP207EHCA Datasheet
204Kb / 16P
High Speed 5V High Performance RS232 Transceivers
SP207EHCP SIPEX-SP207EHCP Datasheet
204Kb / 16P
High Speed 5V High Performance RS232 Transceivers
SP207EHCT SIPEX-SP207EHCT Datasheet
204Kb / 16P
High Speed 5V High Performance RS232 Transceivers
SP207EHEA SIPEX-SP207EHEA Datasheet
204Kb / 16P
High Speed 5V High Performance RS232 Transceivers
More results


Similar Description - SP207EH

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP207E SIPEX-SP207E Datasheet
160Kb / 16P
5V High Performance RS232 Transceivers
SP207H SIPEX-SP207H Datasheet
216Kb / 14P
5V High-Speed RS-232 Transceivers
SP207E SIPEX-SP207E Datasheet
160Kb / 16P
5V High Performance RS232 Transceivers
SP207EH SIPEX-SP207EH Datasheet
204Kb / 16P
High Speed 5V High Performance RS232 Transceivers
SP207H SIPEX-SP207H Datasheet
216Kb / 14P
5V High-Speed RS-232 Transceivers
SP200 SIPEX-SP200_05 Datasheet
263Kb / 16P
5V High-Speed RS-232 Transceivers with 0.1mF Capacitors
logo
Holt Integrated Circuit...
HI-4853H HOLTIC-HI-4853H Datasheet
1Mb / 14P
3.3/5V, High-Speed RS-485/422 Transceivers with
logo
Exar Corporation
SP211EH EXAR-SP211EH Datasheet
745Kb / 16P
High Speed 5V High Performance
SP213ECA-L-TR EXAR-SP213ECA-L-TR Datasheet
212Kb / 17P
High Speed 5V High Performance RS232 Transceivers
SP213EHCA-L-TR EXAR-SP213EHCA-L-TR Datasheet
212Kb / 17P
High Speed 5V High Performance RS232 Transceivers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com