Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP211EH Datasheet (PDF) - Exar Corporation

SP211EH Datasheet PDF - Exar Corporation
Part # SP211EH
Download  SP211EH Download
File Size   745.57 Kbytes
Page   16 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description High Speed 5V High Performance

SP211EH Datasheet (PDF)

Go To PDF Page Download Datasheet
SP211EH Datasheet PDF - Exar Corporation

Part # SP211EH
Download  SP211EH Click to download

File Size   745.57 Kbytes
Page   16 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description High Speed 5V High Performance

SP211EH Datasheet (HTML) - Exar Corporation


SP211EH Product details

DESCRIPTION
The SP211EH/213EH devices are high speed enhanced multi-channel RS-232 line transceivers with improved electrical performance. The SP211EH/213EH series is a superior drop-in replacement to our previous versions as well as popular industry standards. All devices feature very low power CMOS construction and the Exar-patented (5,306,954) on-board charge pump circuitry that generates the +/-10V RS-232 voltage levels using 0.1µF charge pump capacitors. The SP211EH and SP213EH devices feature a low-power shutdown mode, which reduces power supply drain to 1µA. Enhancements to this series include a higher transmission rate of 500kbps, a lower power supply current at 3mA typical (no load), and superior ESD performance. The ESD tolerance has been improved for this series to over +/-15kV for both Human Body Model and IEC61000-4-2 Air Discharge test methods.

■ Single +5V Supply Operation
■ 0.1μF External Charge Pump Capacitors
■ 500kbps Data Rate Under Load
■ Standard SOIC and SSOP Footprints
■ Lower Supply Current Than Competition
   (typical 3mA)
■ 1μA Shutdown Mode
■ Wake-Up Feature in Shutdown Mode
■ Tri-State Receiver Outputs
■ Ideal for High Speed RS-232 Applications
■ Improved ESD Specifcations:
   +15kV Human Body Model
   +15kV IEC 61000-4-2 Air Discharge
   +8kV IEC 61000-4-2 Contact Discharge




Similar Part No. - SP211EH

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP211EH SIPEX-SP211EH Datasheet
204Kb / 16P
High Speed 5V High Performance RS232 Transceivers
SP211EHCA SIPEX-SP211EHCA Datasheet
204Kb / 16P
High Speed 5V High Performance RS232 Transceivers
SP211EHCA SIPEX-SP211EHCA Datasheet
204Kb / 16P
High Speed 5V High Performance RS232 Transceivers
SP211EHCT SIPEX-SP211EHCT Datasheet
204Kb / 16P
High Speed 5V High Performance RS232 Transceivers
SP211EHCT SIPEX-SP211EHCT Datasheet
204Kb / 16P
High Speed 5V High Performance RS232 Transceivers
More results


Similar Description - SP211EH

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP207E SIPEX-SP207E Datasheet
160Kb / 16P
5V High Performance RS232 Transceivers
SP207EH SIPEX-SP207EH Datasheet
204Kb / 16P
High Speed 5V High Performance RS232 Transceivers
SP207E SIPEX-SP207E Datasheet
160Kb / 16P
5V High Performance RS232 Transceivers
SP207EH SIPEX-SP207EH Datasheet
204Kb / 16P
High Speed 5V High Performance RS232 Transceivers
logo
Bourns Electronic Solut...
P500-G BOURNS-P500-G Datasheet
755Kb / 7P
Extremely high speed performance
P650-U BOURNS-P650-U Datasheet
705Kb / 6P
Extremely high speed performance
logo
Micrel Semiconductor
SY89423V MICREL-SY89423V_07 Datasheet
80Kb / 8P
5V/3.3V DUAL HIGH-PERFORMANCE
logo
Exar Corporation
SP213ECA-L-TR EXAR-SP213ECA-L-TR Datasheet
212Kb / 17P
High Speed 5V High Performance RS232 Transceivers
SP213EHCA-L-TR EXAR-SP213EHCA-L-TR Datasheet
212Kb / 17P
High Speed 5V High Performance RS232 Transceivers
logo
Golledge Electronics Lt...
GVXO-25 GOLLEDGE-GVXO-25 Datasheet
541Kb / 4P
5V High Performance VCXO
More results




About Exar Corporation


Exar Corporation is a semiconductor company that designs and manufactures a wide range of high-performance analog and mixed-signal integrated circuits (ICs). Their products are used in a variety of applications, including communications, networking, industrial, automotive, and consumer electronics.

Exar's portfolio includes analog-to-digital converters (ADCs), digital-to-analog converters (DACs), amplifiers, power management ICs, interface ICs, and timing and synchronization ICs. They also offer customized solutions for customers with unique requirements.

Exar has a long history in the semiconductor industry, with more than 40 years of experience. They are known for their expertise in signal conditioning and power management, and have a reputation for delivering high-quality, reliable products.

In 2017, Exar was acquired by MaxLinear, a leading provider of RF and mixed-signal ICs. The acquisition allowed MaxLinear to expand its product portfolio and strengthen its position in the data center and networking markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com