Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP207H Datasheet (PDF) - Sipex Corporation

SP207H Datasheet PDF - Sipex Corporation
Part # SP207H
Download  SP207H Download
File Size   216.23 Kbytes
Page   14 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description 5V High-Speed RS-232 Transceivers

SP207H Datasheet (PDF)

Go To PDF Page Download Datasheet
SP207H Datasheet PDF - Sipex Corporation

Part # SP207H
Download  SP207H Click to download

File Size   216.23 Kbytes
Page   14 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description 5V High-Speed RS-232 Transceivers

SP207H Datasheet (HTML) - Sipex Corporation


SP207H Product details

DESCRIPTION…
The SP207H and SP211H are multi–channel RS-232 line transceivers configured to fit most communication needs. The "H" series is based on Sipexs SP200 Series transceivers and has been enhanced for speed. The data rate is improved to over 460kbps which easily meets the 230.4kbps data rates for V.34. The SP207H and SP211H use the same on-board charge pump to provide ±10V voltage levels, using 0.1µF charge pump capacitors to save board space and reduce circuit cost. The SP207HB, SP211H and SP211HB feature a low–power shutdown mode, which reduces power supply drain to 1µA. A WakeUp function keeps the receivers active in the shutdown mode (SP207HB and SP211HB only).

■ Single 5V Supply Operation
■ 0.1µF External Charge Pump Capacitors
■ 460kbps Minimum Data Rate
■ Standard SOIC and SSOP Packages
■ SP207H - Five (5) Drivers and Three (3) Receivers
   SP211H - Four (4) Drivers and Five (5) Receivers
■ 1µA Shutdown Mode
■ WakeUp Feature in Shutdown Mode
■ Tri–State Receiver Outputs
■ Ideal for V.34 and High Speed RS-232 Applications




Similar Part No. - SP207H

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP207H SIPEX-SP207H Datasheet
216Kb / 14P
5V High-Speed RS-232 Transceivers
SP207HB SIPEX-SP207HB Datasheet
216Kb / 14P
5V High-Speed RS-232 Transceivers
SP207HBCA SIPEX-SP207HBCA Datasheet
216Kb / 14P
5V High-Speed RS-232 Transceivers
SP207HBCT SIPEX-SP207HBCT Datasheet
216Kb / 14P
5V High-Speed RS-232 Transceivers
SP207HBEA SIPEX-SP207HBEA Datasheet
216Kb / 14P
5V High-Speed RS-232 Transceivers
More results


Similar Description - SP207H

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP200 SIPEX-SP200 Datasheet
213Kb / 15P
5V High-Speed RS-232 Transceivers with 0.1uF Capacitors
SP207H SIPEX-SP207H Datasheet
216Kb / 14P
5V High-Speed RS-232 Transceivers
SP200 SIPEX-SP200_05 Datasheet
263Kb / 16P
5V High-Speed RS-232 Transceivers with 0.1mF Capacitors
logo
Exar Corporation
SP213EHCA EXAR-SP213EHCA Datasheet
995Kb / 19P
Low Power, High ESD 5V RS-232 Transceivers
SP207ECA-L-TR EXAR-SP207ECA-L-TR Datasheet
1Mb / 19P
Low Power, High ESD 5V RS-232 Transceivers
SP206 EXAR-SP206 Datasheet
1Mb / 14P
5V RS-232 Serial Transceivers
SP208ECA-L-TR EXAR-SP208ECA-L-TR Datasheet
1Mb / 15P
5V RS-232 Serial Transceivers
SP211CA-L-TR EXAR-SP211CA-L-TR Datasheet
1Mb / 15P
5V RS-232 Serial Transceivers
SP211ECA-L-TR EXAR-SP211ECA-L-TR Datasheet
1Mb / 15P
5V RS-232 Serial Transceivers
SP211EEA-L-TR EXAR-SP211EEA-L-TR Datasheet
1Mb / 15P
5V RS-232 Serial Transceivers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com