Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP207H Datasheet(PDF) 4 Page - Sipex Corporation

Part # SP207H
Description  5V High-Speed RS-232 Transceivers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP207H Datasheet(HTML) 4 Page - Sipex Corporation

  SP207H Datasheet HTML 1Page - Sipex Corporation SP207H Datasheet HTML 2Page - Sipex Corporation SP207H Datasheet HTML 3Page - Sipex Corporation SP207H Datasheet HTML 4Page - Sipex Corporation SP207H Datasheet HTML 5Page - Sipex Corporation SP207H Datasheet HTML 6Page - Sipex Corporation SP207H Datasheet HTML 7Page - Sipex Corporation SP207H Datasheet HTML 8Page - Sipex Corporation SP207H Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
TGoddard/SP207H/9614R0
SP207H/SP211H High–Speed Transceivers
© Copyright 2000 Sipex Corporation
4
PINOUT
FEATURES…
The SP207H and SP211H line transceivers
provide a variety of configurations to fit most
communication needs, especially those applica-
tions where
±12V is not available. Both prod-
ucts feature low–power CMOS construction
and Sipex–proprietary on-board charge pump
circuitry to generate the
±10V RS-232 voltage
levels. The ability to use 0.1
µF charge pump
capacitors saves board space and reduces circuit
cost.
The SP207HB and SP211H models feature a
low–power shutdown mode, which reduces
power supply drain to 1
µA. The SP207HB and
SP211HB are equipped with the WakeUp func-
tion. The WakeUp function keeps the receivers
active in the shutdown mode, unless disabled by
the EN pin.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
T3 OUT
T1OUT
T2OUT
R2IN
R2OUT
T2IN
T1IN
R1OUT
R1IN
GND
VCC
C1+
V+
C1–
T4 OUT
R3IN
R3OUT
SHUTDOWN (SD)
EN
R4IN
R4OUT
T4IN
T3IN
R5OUT
R5IN
V–
C2–
C2+
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
T3 OUT
T1OUT
T2OUT
R2IN
R2OUT
T2IN
T1IN
R1OUT
R1IN
GND
VCC
C1+
V+
C1–
T4 OUT
R3IN
R3OUT
SHUTDOWN (SD)
EN
R4IN
R4OUT
T4IN
T3IN
R5OUT
R5IN
V–
C2–
C2+
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
T3 OUT
T1OUT
T2OUT
R2IN
R2OUT
T2IN
T1IN
R1OUT
R1IN
GND
VCC
C1+
V+
C1–
T4 OUT
NC
T5IN
SHUTDOWN (SD)
EN
T5OUT
NC
T4IN
T3IN
R3OUT
R3IN
V–
C2–
C2+
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
T3 OUT
T1OUT
T2OUT
R1IN
R1OUT
T2IN
T1IN
GND
VCC
C1+
V+
C1–
T4 OUT
R2IN
R2OUT
T5IN
T5OUT
T4IN
T3IN
R3OUT
R3IN
V–
C2–
C2+
THEORY OF OPERATION
The SP207H and SP211H are made up of three
basic circuit blocks — 1) transmitter/driver, 2)
receiver and 3) the Sipex–proprietary charge
pump.
Charge–Pump
The charge pump is a Sipex–patented design
(5,306,954) and uses a unique approach com-
pared to older less–efficient designs. The charge
pump still requires four external capacitors, but
uses a four–phase voltage shifting technique to
attain symmetrical 10V power supplies. Figure
3a shows the waveform found on the positive
side of capcitor C
2, and Figure 3b shows the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com