Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8022AR Datasheet (PDF) - Analog Devices

AD8022AR Datasheet PDF - Analog Devices
Part # AD8022AR
Download  AD8022AR Download
File Size   299.23 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual High Speed, Low Noise Op Amp

AD8022AR Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8022AR Datasheet PDF - Analog Devices

Part # AD8022AR
Download  AD8022AR Click to download

File Size   299.23 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual High Speed, Low Noise Op Amp

AD8022AR Datasheet (HTML) - Analog Devices


AD8022AR Product details

FEATURES
Low power amplifiers provide low noise and low distortion,
ideal for xDSL modem receiver
Wide supply range: +5 V, ±2.5 V to ±12 V voltage supply
Low power consumption: 4.0 mA/Amp
Voltage feedback
Ease of Use
Lower total noise (insignificant input current noise
contribution compared to current feedback amps)
Low noise and distortion
2.5 nV/√Hz voltage noise @ 100 kHz
1.2 pA/√Hz current noise
MTPR < −66 dBc (G = +7)
SFDR 110 dB @ 200 kHz
High speed
130 MHz bandwidth (−3 dB), G = +1
Settling time to 0.1%, 68 ns
50 V/μs slew rate
High output swing: ±10.1 V on ±12 V supply
Low offset voltage, 1.5 mV typical
APPLICATIONS
Receiver for ADSL, VDSL, HDSL, and proprietary
xDSL systems
Low noise instrumentation front end
Ultrasound preamps
Active filters
16-bit ADC buffers




Similar Part No. - AD8022AR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8022AR AD-AD8022AR Datasheet
223Kb / 15P
Dual High-Speed Low-Noise Op Amps
REV.0
AD8022AR AD-AD8022AR Datasheet
370Kb / 16P
Dual High Speed, Low Noise Op Amp
REV. B
AD8022AR-EVAL AD-AD8022AR-EVAL Datasheet
223Kb / 15P
Dual High-Speed Low-Noise Op Amps
REV.0
AD8022AR-REEL AD-AD8022AR-REEL Datasheet
370Kb / 16P
Dual High Speed, Low Noise Op Amp
REV. B
AD8022AR-REEL7 AD-AD8022AR-REEL7 Datasheet
370Kb / 16P
Dual High Speed, Low Noise Op Amp
REV. B
More results


Similar Description - AD8022AR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD829 AD-AD829 Datasheet
321Kb / 12P
High-Speed, Low-Noise Video Op Amp
REV.E
AD829 AD-AD829_04 Datasheet
275Kb / 16P
High Speed, Low Noise Video Op Amp
4/04-Data Sheet changed from REV. F to REV. G.
AD8022 AD-AD8022_05 Datasheet
370Kb / 16P
Dual High Speed, Low Noise Op Amp
REV. B
logo
Linear Technology
LT1007 LINER-LT1007_09 Datasheet
75Kb / 2P
Low Noise, High Speed Precision Op Amp
logo
Analog Devices
AD829JNZ AD-AD829JNZ Datasheet
379Kb / 20P
High Speed, Low Noise Video Op Amp
Rev. I
AD829 AD-AD829_11 Datasheet
385Kb / 20P
High Speed, Low Noise Video Op Amp
Rev. I
logo
Linear Technology
OP227EN LINER-OP227EN Datasheet
2Mb / 12P
Dual Matched Low Noise Precision Op Amp and Dual High Speed Low Noise Prescision Op Amp
logo
Analog Devices
AD829 AD-AD829_15 Datasheet
379Kb / 20P
High Speed, Low Noise Video Op Amp
Rev. I
AD8022 AD-AD8022_15 Datasheet
527Kb / 17P
Dual High Speed, Low Noise Op Amp
REV. C
AD829 AD-AD829_17 Datasheet
394Kb / 21P
High Speed, Low Noise Video Op Amp
10/11-Rev. H to Rev. I
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com