Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD829 Datasheet (PDF) - Analog Devices

AD829 Datasheet PDF - Analog Devices
Part # AD829
Download  AD829 Download
File Size   321.57 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High-Speed, Low-Noise Video Op Amp

AD829 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD829 Datasheet PDF - Analog Devices

Part # AD829
Download  AD829 Click to download

File Size   321.57 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High-Speed, Low-Noise Video Op Amp

AD829 Datasheet (HTML) - Analog Devices


AD829 Product details

GENERAL DESCRIPTION
The AD829 is a low noise (1.7 nV/√Hz), high speed op amp with custom compensation that provides the user with gains of ±1 to ±20 while maintaining a bandwidth greater than 50 MHz. The AD829’s 0.04° differential phase and 0.02% differential gain performance at 3.58 MHz and 4.43 MHz, driving reverse terminated 50 Ω or 75 Ω cables, makes it ideally suited for professional video applications. The AD829 achieves its 230 V/µs uncompensated slew rate and 750 MHz gain bandwidth while requiring only 5 mA of current from power supplies.

FEATURES
   High Speed
     120 MHz Bandwidth, Gain = –1
     230 V/s Slew Rate
     90 ns Settling Time to 0.1%
   Ideal for Video Applications
     0.02% Differential Gain
     0.04 Differential Phase
   Low Noise
     1.7 nV/√Hz Input Voltage Noise
     1.5 pA/√Hz Input Current Noise
   Excellent DC Precision
     1 mV Max Input Offset Voltage (Over Temp)
     0.3 mV/C Input Offset Drift
   Flexible Operation
     Specified for 5 V to 15 V Operation
     3 V Output Swing into a 150  Load
     External Compensation for Gains 1 to 20
     5 mA Supply Current
   Available in Tape and Reel in Accordance with EIA-481A Standard




Similar Part No. - AD829

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD829 AD-AD829 Datasheet
868Kb / 32P
14-Bit, 1 MSPS, Differential, Programmable Input PulSAR ADC
REV. 0
AD829 AD-AD829 Datasheet
275Kb / 16P
High Speed, Low Noise Video Op Amp
4/04-Data Sheet changed from REV. F to REV. G.
AD829 AD-AD829 Datasheet
394Kb / 21P
High Speed, Low Noise Video Op Amp
10/11-Rev. H to Rev. I
AD829 AD-AD829 Datasheet
378Kb / 20P
High Speed, Low Noise Video Op Amp
Rev. I
AD8290 AD-AD8290 Datasheet
541Kb / 20P
G = 50, CMOS Sensor Amplifier with Current Excitation
REV. B
More results


Similar Description - AD829

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD829 AD-AD829_04 Datasheet
275Kb / 16P
High Speed, Low Noise Video Op Amp
4/04-Data Sheet changed from REV. F to REV. G.
AD8022 AD-AD8022_05 Datasheet
370Kb / 16P
Dual High Speed, Low Noise Op Amp
REV. B
logo
Linear Technology
LT1007 LINER-LT1007_09 Datasheet
75Kb / 2P
Low Noise, High Speed Precision Op Amp
logo
Analog Devices
AD829JNZ AD-AD829JNZ Datasheet
379Kb / 20P
High Speed, Low Noise Video Op Amp
Rev. I
AD829 AD-AD829_11 Datasheet
385Kb / 20P
High Speed, Low Noise Video Op Amp
Rev. I
logo
Linear Technology
OP227EN LINER-OP227EN Datasheet
2Mb / 12P
Dual Matched Low Noise Precision Op Amp and Dual High Speed Low Noise Prescision Op Amp
logo
Analog Devices
AD829 AD-AD829_15 Datasheet
379Kb / 20P
High Speed, Low Noise Video Op Amp
Rev. I
AD8022 AD-AD8022_15 Datasheet
527Kb / 17P
Dual High Speed, Low Noise Op Amp
REV. C
logo
Linear Technology
RH37C LINER-RH37C_15 Datasheet
106Kb / 2P
Low Noise, High Speed Precision Op Amp
logo
Analog Devices
AD829 AD-AD829_17 Datasheet
394Kb / 21P
High Speed, Low Noise Video Op Amp
10/11-Rev. H to Rev. I
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com