Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD829 Datasheet(PDF) 3 Page - Analog Devices

Part # AD829
Description  High-Speed, Low-Noise Video Op Amp
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD829 Datasheet(HTML) 3 Page - Analog Devices

  AD829 Datasheet HTML 1Page - Analog Devices AD829 Datasheet HTML 2Page - Analog Devices AD829 Datasheet HTML 3Page - Analog Devices AD829 Datasheet HTML 4Page - Analog Devices AD829 Datasheet HTML 5Page - Analog Devices AD829 Datasheet HTML 6Page - Analog Devices AD829 Datasheet HTML 7Page - Analog Devices AD829 Datasheet HTML 8Page - Analog Devices AD829 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
AD829J/AR
AD829AQ/S
Model
Conditions
VS
Min
Typ
Max
Min
Typ
Max
Units
POWER SUPPLY
Operating Range
±4.5
±18
±4.5
±18
V
Quiescent Current
±5 V
5
6.5
5
6.5
mA
TMIN to TMAX
8.0
8.2/8.7
mA
±15 V
5.3
6.8
5.3
6.8
mA
TMIN to TMAX
8.3/8.5
8.5/9.0
mA
TRANSISTOR COUNT
Number of Transistors
46
46
NOTES
1Full Power Bandwidth = Slew Rate/2
π V
PEAK.
2Tested at Gain = +20, C
COMP = 0 pF.
33.58 MHz (NTSC) and 4.43 MHz (PAL & SECAM).
4Differential input capacitance consists of 1.5 pF package capacitance plus 3.5 pF from the input differential pair.
Specifications subject to change without notice.
AD829
REV. E
–3–
ABSOLUTE MAXIMUM RATINGS
1
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±18 V
Internal Power Dissipations
2
Plastic (N) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.3 Watts
Small Outline (R) . . . . . . . . . . . . . . . . . . . . . . . . . 0.9 Watts
Cerdip (Q) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.3 Watts
LCC (E) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.8 Watts
Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±V
S
Differential Input Voltage
3
. . . . . . . . . . . . . . . . . . . .
±6 Volts
Output Short Circuit Duration . . . . . . . . . . . . . . . . Indefinite
Storage Temperature Range (Q, E) . . . . . . . –65
°C to +150°C
Storage Temperature Range (N, R) . . . . . . . –65
°C to +125°C
Operating Temperature Range
AD829J . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0
°C to +70°C
AD829A . . . . . . . . . . . . . . . . . . . . . . . . . . . –40
°C to +85°C
AD829S . . . . . . . . . . . . . . . . . . . . . . . . . . –55
°C to +125°C
Lead Temperature Range (Soldering 60 sec) . . . . . . . . +300
°C
NOTES
1Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only and functional operation of
the device at these or any other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
2Maximum internal power dissipation is specified so that T
J does not exceed
+175
°C at an ambient temperature of +25°C.
Thermal characteristics:
8-lead plastic package:
θ
JA = 100
°C/watt (derate at 8.7 mW/°C)
8-lead cerdip package:
θ
JA = 110
°C/watt (derate at 8.7 mW/°C)
20-lead LCC package:
θJA = 150°C/watt
8-lead small outline package:
θ
JA = 155
°C/watt (derate at 6 mW/°C).
3If the differential voltage exceeds 6 volts, external series protection resistors should
be added to limit the input current.
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option*
AD829JN
0
°C to +70°C
8-Lead Plastic Mini-DIP
N-8
AD829AR
–40
°C to +85°C
8-Lead Plastic SOIC
SO-8
AD829JR
0
°C to +70°C
8-Lead Plastic SOIC
SO-8
AD829AR-REEL7
–40
°C to +85°C
Tape and Reel 7"
AD829AR-REEL
–40
°C to +85°C
Tape and Reel 13"
AD829JR-REEL7
0
°C to +70°C
Tape and Reel 7"
AD829JR-REEL
0
°C to +70°C
Tape and Reel 13"
AD829AQ
–40
°C to +85°C
8-Lead Cerdip
Q-8
AD829SQ
–55
°C to +125°C
8-Lead Cerdip
Q-8
AD829SQ/883B
–55
°C to +125°C
8-Lead Cerdip
Q-8
5962-9312901MPA
–55
°C to +125°C
8-Lead Cerdip
Q-8
AD829SE/883B
–55
°C to +125°C
20-Lead LCC
E-20A
5962-9312901M2A
–55
°C to +125°C
20-Lead LCC
E-20A
AD829JCHIPS
0
°C to +70°CDie
AD829SCHIPS
–55
°C to +125°CDie
*E = Leadless Chip Carrier (Ceramic); N = Plastic DIP; Q = Cerdip; SO = Small Outline IC (SOIC).
ESD SUSCEPTIBILITY
ESD (electrostatic discharge) sensitive device. Electrostatic
charges as high as 4000 volts, which readily accumulate on the
human body and on test equipment, can discharge without
detection. Although the AD829 features proprietary ESD pro-
tection circuitry, permanent damage may still occur on these
devices if they are subjected to high energy electrostatic dis-
charges. Therefore, proper ESD precautions are recommended
to avoid any performance degradation or loss of functionality.
METALIZATION PHOTO
Contact factory for latest dimensions.
Dimensions shown in inches and (mm).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com