Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD829 Datasheet(PDF) 12 Page - Analog Devices

Part # AD829
Description  High-Speed, Low-Noise Video Op Amp
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD829 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD829 Datasheet HTML 4Page - Analog Devices AD829 Datasheet HTML 5Page - Analog Devices AD829 Datasheet HTML 6Page - Analog Devices AD829 Datasheet HTML 7Page - Analog Devices AD829 Datasheet HTML 8Page - Analog Devices AD829 Datasheet HTML 9Page - Analog Devices AD829 Datasheet HTML 10Page - Analog Devices AD829 Datasheet HTML 11Page - Analog Devices AD829 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
AD829
REV. E
–12–
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
Cerdip (Q) Package
0.320 (8.13)
0.290 (7.37)
0.015 (0.38)
0.008 (0.20)
15
°
0
°
0.005 (0.13) MIN
0.055 (1.40) MAX
1
PIN 1
4
5
8
0.310 (7.87)
0.220 (5.59)
0.405 (10.29) MAX
0.200
(5.08)
MAX
SEATING
PLANE
0.023 (0.58)
0.014 (0.36)
0.070 (1.78)
0.030 (0.76)
0.060 (1.52)
0.015 (0.38)
0.150
(3.81)
MIN
0.200 (5.08)
0.125 (3.18)
0.100
(2.54)
BSC
Plastic Mini-DIP (N) Package
0.011±0.003
(0.28±0.08)
0.30 (7.62)
REF
15
°
0
°
PIN 1
4
5
8
1
0.25
(6.35)
0.31
(7.87)
0.10
(2.54)
BSC
SEATING
PLANE
0.035±0.01
(0.89±0.25)
0.18±0.03
(4.57±0.76)
0.033
(0.84)
NOM
0.018±0.003
(0.46±0.08)
0.125
(3.18)
MIN
0.165±0.01
(4.19±0.25)
0.39 (9.91) MAX
8-Lead SOIC (R) Package
85
4
1
0.1968 (5.00)
0.1890 (4.80)
0.2440 (6.20)
0.2284 (5.80)
PIN 1
0.1574 (4.00)
0.1497 (3.80)
0.0500 (1.27)
BSC
0.0688 (1.75)
0.0532 (1.35)
SEATING
PLANE
0.0098 (0.25)
0.0040 (0.10)
0.0192 (0.49)
0.0138 (0.35)
0.0098 (0.25)
0.0075 (0.19)
0.0500 (1.27)
0.0160 (0.41)
8
0
0.0196 (0.50)
0.0099 (0.25)
45
All brand or product names mentioned are trademarks or registered trademarks of their respective holders.
20-Lead LCC (E-20A) Package
1
20
4
9
8
13
19
BOTTOM
VIEW
14
3
18
0.028 (0.71)
0.022 (0.56)
45° TYP
0.015 (0.38)
MIN
0.055 (1.40)
0.045 (1.14)
0.050 (1.27)
BSC
0.075 (1.91)
REF
0.011 (0.28)
0.007 (0.18)
R TYP
0.095 (2.41)
0.075 (1.90)
0.100 (2.54) BSC
0.200 (5.08)
BSC
0.150 (3.81)
BSC
0.075
(1.91)
REF
0.358 (9.09)
0.342 (8.69)
SQ
0.358
(9.09)
MAX
SQ
0.100 (2.54)
0.064 (1.63)
0.088 (2.24)
0.054 (1.37)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com