Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD811 Datasheet (PDF) - Analog Devices

AD811 Datasheet PDF - Analog Devices
Part # AD811
Download  AD811 Download
File Size   423.64 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High Performance Video Op Amp

AD811 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD811 Datasheet PDF - Analog Devices

Part # AD811
Download  AD811 Click to download

File Size   423.64 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High Performance Video Op Amp

AD811 Datasheet (HTML) - Analog Devices


AD811 Product details

FEATURES
High speed
140 MHz bandwidth (3 dB, G = +1)
120 MHz bandwidth (3 dB, G = +2)
35 MHz bandwidth (0.1 dB, G = +2)
2500 V/μs slew rate
25 ns settling time to 0.1% (for a 2 V step)
65 ns settling time to 0.01% (for a 10 V step)
Excellent video performance (RL =150 Ω)
0.01% differential gain, 0.01° differential phase
Voltage noise of 1.9 nV/√Hz
Low distortion: THD = −74 dB at 10 MHz
Excellent dc precision: 3 mV max input offset voltage
Flexible operation
Specified for ±5 V and ±15 V operation
±2.3 V output swing into a 75 Ω load (VS = ±5 V)
APPLICATIONS
Video crosspoint switchers, multimedia broadcast systems
HDTV compatible systems
Video line drivers, distribution amplifiers
ADC/DAC buffers
DC restoration circuits
Medical
Ultrasound
PET
Gamma
Counter applications
MIL-STD-883B parts available




Similar Part No. - AD811

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD811 AD-AD811 Datasheet
230Kb / 15P
High Performance Video Op Amp
REV.D
AD811 AD-AD811 Datasheet
558Kb / 20P
High Performance Video Op Amp
Rev. E
AD811 AD-AD811 Datasheet
465Kb / 21P
High Performance Video Op Amp
4/15-Rev. F to Rev. G
AD8110 AD-AD8110 Datasheet
441Kb / 28P
260 MHz, 16 x 8 Buffered Video Crosspoint Switches
REV.0
AD8110 AD-AD8110 Datasheet
606Kb / 29P
260 MHz, 16  8 Buffered Video Crosspoint Switches
REV. A
More results


Similar Description - AD811

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD811 AD-AD811 Datasheet
230Kb / 15P
High Performance Video Op Amp
REV.D
AD829 AD-AD829 Datasheet
321Kb / 12P
High-Speed, Low-Noise Video Op Amp
REV.E
AD829 AD-AD829_04 Datasheet
275Kb / 16P
High Speed, Low Noise Video Op Amp
4/04-Data Sheet changed from REV. F to REV. G.
AD811 AD-AD811_04 Datasheet
558Kb / 20P
High Performance Video Op Amp
Rev. E
AD829JNZ AD-AD829JNZ Datasheet
379Kb / 20P
High Speed, Low Noise Video Op Amp
Rev. I
AD811 AD-AD811_15 Datasheet
624Kb / 21P
High Performance Video Op Amp
Rev. F
AD829 AD-AD829_15 Datasheet
379Kb / 20P
High Speed, Low Noise Video Op Amp
Rev. I
logo
Texas Instruments
LMH6715 TI1-LMH6715_16 Datasheet
1Mb / 21P
Dual Wideband Video Op Amp
logo
Analog Devices
AD811 AD-AD811_17 Datasheet
465Kb / 21P
High Performance Video Op Amp
4/15-Rev. F to Rev. G
AD829 AD-AD829_17 Datasheet
394Kb / 21P
High Speed, Low Noise Video Op Amp
10/11-Rev. H to Rev. I
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com