Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N6388G Datasheet (PDF) - ON Semiconductor

2N6388G Datasheet PDF - ON Semiconductor
Part # 2N6388G
Download  2N6388G Download
File Size   128.21 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Plastic Medium-Power Silicon Transistors

2N6388G Datasheet (PDF)

Go To PDF Page Download Datasheet
2N6388G Datasheet PDF - ON Semiconductor

Part # 2N6388G
Download  2N6388G Click to download

File Size   128.21 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Plastic Medium-Power Silicon Transistors

2N6388G Datasheet (HTML) - ON Semiconductor


2N6388G Product details

These devices are designed for general−purpose amplifier and
low−speed switching applications.
Features
• High DC Current Gain − hFE = 2500 (Typ) @ IC = 4.0 Adc
• Collector−Emitter Sustaining Voltage − @ 100 mAdc
VCEO(sus) = 60 Vdc (Min) − 2N6387
= 80 Vdc (Min) − 2N6388
• Low Collector−Emitter Saturation Voltage −
VCE(sat) = 2.0 Vdc (Max) @ IC
= 5.0 Adc − 2N6387, 2N6388
• Monolithic Construction with Built−In Base−Emitter Shunt Resistors
• TO−220AB Compact Package
• These Devices are Pb−Free and are RoHS Compliant*




Similar Part No. - 2N6388G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N6388G ONSEMI-2N6388G Datasheet
79Kb / 6P
Plastic Medium?뭁ower Silicon Transistors DARLINGTON NPN SILICON POWER TRANSISTORS 8 AND 10 AMPERES 65 WATTS, 60 ??80 VOLTS
August, 2006 ??Rev. 12
2N6388G ONSEMI-2N6388G Datasheet
113Kb / 6P
Plastic Medium-Power Silicon Transistors
November, 2014 ??Rev. 15
More results


Similar Description - 2N6388G

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BDX53B MOTOROLA-BDX53B Datasheet
169Kb / 6P
Plastic Medium-Power Complementary Silicon Transistors
logo
Boca Semiconductor Corp...
2N6666 BOCA-2N6666 Datasheet
157Kb / 3P
PLASTIC MEDIUM-POWER SILICON TRANSISTORS
logo
ON Semiconductor
2N6387 ONSEMI-2N6387 Datasheet
75Kb / 8P
Plastic Medium-Power Silicon Transistors
April, 2002 ??Rev. 10
2N4918 ONSEMI-2N4918_04 Datasheet
120Kb / 6P
Medium-Power Plastic PNP Silicon Transistors
July, 2004 ??Rev. 11
2N6387 ONSEMI-2N6387_07 Datasheet
101Kb / 6P
Plastic Medium-Power Silicon Transistors
November, 2007 - Rev. 13
logo
New Jersey Semi-Conduct...
2N6386 NJSEMI-2N6386 Datasheet
259Kb / 2P
PLASTIC MEDIUM-POWER SILICON TRANSISTORS
logo
Continental Device Indi...
BD157 CDIL-BD157 Datasheet
90Kb / 2P
PLASTIC MEDIUM POWER SILICON TRANSISTORS
logo
ON Semiconductor
2N4921G ONSEMI-2N4921G_13 Datasheet
150Kb / 6P
Medium-Power Plastic NPN Silicon Transistors
December, 2013 ??Rev. 14
2N6387 ONSEMI-2N6387_14 Datasheet
113Kb / 6P
Plastic Medium-Power Silicon Transistors
November, 2014 ??Rev. 15
BD136G ONSEMI-BD136G_13 Datasheet
86Kb / 4P
Plastic Medium-Power Silicon PNP Transistors
December, 2013 ??Rev. 16
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com