Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MJD44E3 Datasheet (PDF) - ON Semiconductor

MJD44E3 Datasheet PDF - ON Semiconductor
Part # MJD44E3
Download  MJD44E3 Download
File Size   202.57 Kbytes
Page   4 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Darlington Power Transistor DPAK For Surface Mount Applications

MJD44E3 Datasheet (PDF)

Go To PDF Page Download Datasheet
MJD44E3 Datasheet PDF - ON Semiconductor

Part # MJD44E3
Download  MJD44E3 Click to download

File Size   202.57 Kbytes
Page   4 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Darlington Power Transistor DPAK For Surface Mount Applications

MJD44E3 Datasheet (HTML) - ON Semiconductor


MJD44E3 Product details

Designed for general purpose power and switching output or driver
stages in applications such as switching regulators, converters, and
power amplifiers.
Features
 Electrically Similar to Popular D44E3 Device
 High DC Gain − 1000 Min @ 5.0 Adc
 Low Sat. Voltage − 1.5 V @ 5.0 Adc
 Compatible With Existing Automatic Pick and Place Equipment
 Epoxy Meets UL 94 V−0 @ 0.125 in
 ESD Ratings:
 Human Body Model, 3B > 8000 V
 Machine Model, C > 400 V
 NJV Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q101
Qualified and PPAP Capable
 These are Pb−Free Packages*




Similar Part No. - MJD44E3

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJD44E3 MOTOROLA-MJD44E3 Datasheet
80Kb / 4P
NPN DARLINGTON SILICON POWER TRANSISTOR 10 AMPERES 80 VOLTS 20 WATTS
logo
ON Semiconductor
MJD44E3 ONSEMI-MJD44E3 Datasheet
50Kb / 3P
Darlington Power Transistor DPAK For Surface Mount Applications 10 AMPERES 80 VOLTS, 20 WATTS
December, 2005 ??Rev. 4
logo
Continental Device Indi...
MJD44E3 CDIL-MJD44E3 Datasheet
96Kb / 5P
NPN DARLINGTON PLASTIC POWER TRANSISTOR
logo
Inchange Semiconductor ...
MJD44E3 ISC-MJD44E3 Datasheet
309Kb / 2P
isc Silicon NPN Darlington Power Transistor
logo
Motorola, Inc
MJD44E3-1 MOTOROLA-MJD44E3-1 Datasheet
80Kb / 4P
NPN DARLINGTON SILICON POWER TRANSISTOR 10 AMPERES 80 VOLTS 20 WATTS
More results


Similar Description - MJD44E3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NJD2873T4 ONSEMI-NJD2873T4 Datasheet
50Kb / 6P
NPN Silicon DPAK For Surface Mount Applications
August, 2004 ??Rev. 3
MTD6N15 ONSEMI-MTD6N15 Datasheet
88Kb / 8P
Power Field Effect Transistor DPAK for Surface Mount
March, 2004 ??Rev. 2
MJD44E3 ONSEMI-MJD44E3 Datasheet
50Kb / 3P
Darlington Power Transistor DPAK For Surface Mount Applications 10 AMPERES 80 VOLTS, 20 WATTS
December, 2005 ??Rev. 4
MJD243 ONSEMI-MJD243_07 Datasheet
98Kb / 8P
Complementary Silicon Plastic Power Transistor DPAK-3 for Surface Mount Applications
March, 2007 ??Rev. 10
MJD2955 ONSEMI-MJD2955_06 Datasheet
78Kb / 6P
Complementary Power Transistors DPAK For Surface Mount Applications
January, 2006 ??Rev. 8
logo
Unisonic Technologies
MJD210 UTC-MJD210 Datasheet
164Kb / 5P
PNP SILICON DPAK FOR SURFACE MOUNT APPLICATIONS
MJD210 UTC-MJD210_10 Datasheet
209Kb / 5P
PNP SILICON DPAK FOR SURFACE MOUNT APPLICATIONS
logo
ON Semiconductor
NJVNJD2873T4G ONSEMI-NJVNJD2873T4G Datasheet
111Kb / 5P
NPN Silicon DPAK For Surface Mount Applications
June, 2012 ??Rev. 14
NJD1718 ONSEMI-NJD1718_13 Datasheet
113Kb / 5P
PNP Silicon DPAK For Surface Mount Applications
October, 2013 ??Rev. 4
logo
Unisonic Technologies
MJD210 UTC-MJD210_15 Datasheet
209Kb / 5P
PNP SILICON DPAK FOR SURFACE MOUNT APPLICATIONS
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com