Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MJD210 Datasheet (PDF) - Unisonic Technologies

MJD210 Datasheet PDF - Unisonic Technologies
Part # MJD210
Download  MJD210 Download
File Size   164.99 Kbytes
Page   5 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description PNP SILICON DPAK FOR SURFACE MOUNT APPLICATIONS

MJD210 Datasheet (PDF)

Go To PDF Page Download Datasheet
MJD210 Datasheet PDF - Unisonic Technologies

Part # MJD210
Download  MJD210 Click to download

File Size   164.99 Kbytes
Page   5 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description PNP SILICON DPAK FOR SURFACE MOUNT APPLICATIONS

MJD210 Datasheet (HTML) - Unisonic Technologies


MJD210 Product details

■ DESCRIPTION
The UTC MJD210 is designed for low voltage, low-power, high-gain audio amplifier applications.

■ FEATURE
* Collector-Emitter Sustaining Voltage
   VCEO(SUS) =-25V (Min) @ IC =-10mA
* High DC Current Gain
   hFE =70 (Min) @ IC=-500mA
      =45 (Min) @ IC=-2A
      =10 (Min) @ IC=-5A
* Lead Formed for Surface Mount Applications in Plastic Sleeves (No Suffix)
* Straight Lead Version in Plastic Sleeves (“-1” Suffix)
* Lead Formed Version in 16mm Tape and Reel (“T4” Suffix)
* Low Collector – Emitter Saturation Voltage
   VCE(SAT) = -0.3V (Max) @ IC =-500mA
   = -0.75V (Max) @ IC = -2.0 A
* High Current-Gain-Bandwidth Product
   fT = 65 MHz (Min) @ IC = -100 mA
* Annular Construction for Low Leakage
   ICBO = -100 nA @ Rated VCB




Similar Part No. - MJD210

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJD210 MOTOROLA-MJD210 Datasheet
236Kb / 6P
SILICON POWER TRANSISTORS 5 AMPERES 25 VOLTS 12.5 WATTS
logo
ON Semiconductor
MJD210 ONSEMI-MJD210 Datasheet
236Kb / 6P
Complementary Plastic Power Transistors
1995 REV 1
logo
Fairchild Semiconductor
MJD210 FAIRCHILD-MJD210 Datasheet
46Kb / 5P
D-PAK for Surface Mount Applications
logo
ON Semiconductor
MJD210 ONSEMI-MJD210 Datasheet
87Kb / 6P
Complementary Plastic Power Transistors
August, 2006 ??Rev. 8
MJD210 ONSEMI-MJD210 Datasheet
138Kb / 6P
Complementary Plastic Power Transistors
January, 2011 ??Rev. 10
More results


Similar Description - MJD210

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
MJD127 SAMSUNG-MJD127 Datasheet
194Kb / 3P
PNP (D-PACK FOR SURFACE MOUNT APPLICATIONS)
logo
ON Semiconductor
NJD2873T4 ONSEMI-NJD2873T4 Datasheet
50Kb / 6P
NPN Silicon DPAK For Surface Mount Applications
August, 2004 ??Rev. 3
MJD243 ONSEMI-MJD243_07 Datasheet
98Kb / 8P
Complementary Silicon Plastic Power Transistor DPAK-3 for Surface Mount Applications
March, 2007 ??Rev. 10
MJD2955 ONSEMI-MJD2955_06 Datasheet
78Kb / 6P
Complementary Power Transistors DPAK For Surface Mount Applications
January, 2006 ??Rev. 8
MMBT6589T1 ONSEMI-MMBT6589T1 Datasheet
63Kb / 5P
High Current Surface Mount PNP Silicon Switching Transistor for Switching Transistor for Portable Applications
January, 2006 ??Rev. 1
logo
Unisonic Technologies
MJD210 UTC-MJD210_10 Datasheet
209Kb / 5P
PNP SILICON DPAK FOR SURFACE MOUNT APPLICATIONS
logo
ON Semiconductor
NJVNJD2873T4G ONSEMI-NJVNJD2873T4G Datasheet
111Kb / 5P
NPN Silicon DPAK For Surface Mount Applications
June, 2012 ??Rev. 14
NJD1718 ONSEMI-NJD1718_13 Datasheet
113Kb / 5P
PNP Silicon DPAK For Surface Mount Applications
October, 2013 ??Rev. 4
logo
Unisonic Technologies
MJD210 UTC-MJD210_15 Datasheet
209Kb / 5P
PNP SILICON DPAK FOR SURFACE MOUNT APPLICATIONS
logo
Micro Commercial Compon...
SK32AFL MCC-SK32AFL Datasheet
521Kb / 4P
For Surface Mount Applications
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com