Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MJD210 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # MJD210
Description  PNP SILICON DPAK FOR SURFACE MOUNT APPLICATIONS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MJD210 Datasheet(HTML) 2 Page - Unisonic Technologies

  MJD210 Datasheet HTML 1Page - Unisonic Technologies MJD210 Datasheet HTML 2Page - Unisonic Technologies MJD210 Datasheet HTML 3Page - Unisonic Technologies MJD210 Datasheet HTML 4Page - Unisonic Technologies MJD210 Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
UTCMJD210 PNPEPITAXIALPLANARSILICONTRANSISTOR
UTC UNISONIC TECHNOLOGIES CO., LTD. 2
QW-R213-001,A
ELECTRICAL CHARACTERISTICS (Tc=25°C, unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
MAX
UNIT
OFF CHARACTERISTICS
Collector-Emitter Sustaining
Voltage (note 1)
VCEO(sus)
IC=10mA, IB=0
25
-
V
Collector Cutoff Current
ICBO
VCB=40V, IE=0
VCB=40V, IE=0, TJ=125
°C
-
-
100
100
nA
nA
Emitter Cutoff Current
IEBO
VBE=7V, Ic=0
-
100
nA
ON CHARACTERISTICS
DC Current Gain (note 2)
hFE
IC=500mA, VCE=1V
IC=2A, VCE=1V
IC=5A, VCE=2V
70
45
10
-
180
-
Collector-Emitter Saturation
Voltage (note 2)
VCE(sat)
IC=500mA, IB=50mA
IC=2A, IB=200mA
IC=5A, IB=1A
-
-
-
0.3
0.75
1.8
V
Base-Emitter Saturation Voltage
(note 1)
VBE(sat)
IC=5A, IB=1A
-
2.5
V
Base-Emitter On Voltage (note 1)
VBE(on)
IC=2A, VCE=1V
-
1.6
V
DYNAMIC CHARACTERISTICS
Current-Gain-Bandwidth Product
(note 3)
fT
IC=100mA, VCE=10V,
ftest = 10MHz
65
MHz
Output Capacitance
Cob
VCB=10V, IE=0, f=0.1MHz
-
120
pF
*When surface mounted on minimum pad sizes recommended.
(continued)
NOTE 1: Pulse Test: Pulse Width = 300
µs, Duty Cycle ≈ 2%.
NOTE 2: Pulse Test: Pulse Width = 300
µs, Duty Cycle ≈ 2%.
NOTE 3: fT =|hfe|·ftest.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com