Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MJD210 Datasheet (PDF) - ON Semiconductor

MJD210 Datasheet PDF - ON Semiconductor
Part # MJD210
Download  MJD210 Download
File Size   236.97 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Complementary Plastic Power Transistors

MJD210 Datasheet (PDF)

Go To PDF Page Download Datasheet
MJD210 Datasheet PDF - ON Semiconductor

Part # MJD210
Download  MJD210 Click to download

File Size   236.97 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Complementary Plastic Power Transistors

MJD210 Datasheet (HTML) - ON Semiconductor


MJD210 Product details

Complementary Plastic Power Transistors
NPN/PNP Silicon DPAK For Surface Mount Applications
   
Designed for low voltage, low−power, high−gain audio amplifier applications.

Features
• Collector−Emitter Sustaining Voltage − VCEO(sus)= 25 Vdc (Min) @ IC= 10 mAdc
• High DC Current Gain − hFE = 70 (Min) @ IC= 500 mAdc
                                                =  45 (Min) @ IC= 2 Adc
                                                = 10 (Min) @ IC= 5 Adc
• Lead Formed for Surface Mount Applications in Plastic Sleeves
    (No Suffix)
• Low Collector−Emitter Saturation Voltage −VCE(sat)= 0.3 Vdc (Max) @ IC= 500 mAdc
                                                                                      = 0.75 Vdc (Max) @ IC= 2.0 Adc
• High Current−Gain − Bandwidth Product −fT= 65 MHz (Min) @ IC= 100 mAdc
• Annular Construction for Low Leakage −ICBO= 100 nAdc @ Rated VCB
• Epoxy Meets UL 94 V−0 @ 0.125 in
• ESD Ratings: Human Body Model, 3B 8000 V Machine Model, C 400 V
• Pb−Free Packages are Available




Similar Part No. - MJD210

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJD210 MOTOROLA-MJD210 Datasheet
236Kb / 6P
SILICON POWER TRANSISTORS 5 AMPERES 25 VOLTS 12.5 WATTS
logo
Fairchild Semiconductor
MJD210 FAIRCHILD-MJD210 Datasheet
46Kb / 5P
D-PAK for Surface Mount Applications
logo
ON Semiconductor
MJD210 ONSEMI-MJD210 Datasheet
87Kb / 6P
Complementary Plastic Power Transistors
August, 2006 ??Rev. 8
logo
Unisonic Technologies
MJD210 UTC-MJD210 Datasheet
164Kb / 5P
PNP SILICON DPAK FOR SURFACE MOUNT APPLICATIONS
logo
ON Semiconductor
MJD210 ONSEMI-MJD210 Datasheet
138Kb / 6P
Complementary Plastic Power Transistors
January, 2011 ??Rev. 10
More results


Similar Description - MJD210

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJD200 ONSEMI-MJD200_06 Datasheet
87Kb / 6P
Complementary Plastic Power Transistors
August, 2006 ??Rev. 8
MJD200 ONSEMI-MJD200_11 Datasheet
138Kb / 6P
Complementary Plastic Power Transistors
January, 2011 ??Rev. 10
logo
New Jersey Semi-Conduct...
2N6107 NJSEMI-2N6107 Datasheet
297Kb / 3P
COMPLEMENTARY SILICON PLASTIC POWER TRANSISTORS
logo
ON Semiconductor
TIP29 ONSEMI-TIP29 Datasheet
143Kb / 5P
Complementary Silicon Plastic Power Transistors
October, 2011 ??Rev. 11
2N6109G ONSEMI-2N6109G Datasheet
117Kb / 5P
Complementary Silicon Plastic Power Transistors
October, 2011 ??Rev. 9
2N6487 ONSEMI-2N6487_14 Datasheet
104Kb / 6P
Complementary Silicon Plastic Power Transistors
November, 2014 ??Rev. 16
MJB6488 ONSEMI-MJB6488 Datasheet
68Kb / 6P
Complementary Silicon Plastic Power Transistors
July, 2004 ??Rev. P0
BD243B ONSEMI-BD243B_14 Datasheet
103Kb / 6P
Complementary Silicon Plastic Power Transistors
November, 2014 ??Rev. 15
MJD200 ONSEMI-MJD200_13 Datasheet
152Kb / 7P
Complementary Plastic Power Transistors
September, 2013 ??Rev. 13
logo
New Jersey Semi-Conduct...
MJE15032 NJSEMI-MJE15032 Datasheet
133Kb / 2P
Complementary Silicon Plastic Power Transistors
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com