Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MJD210 Datasheet(PDF) 2 Page - ON Semiconductor

Part # MJD210
Description  Complementary Plastic Power Transistors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJD210 Datasheet(HTML) 2 Page - ON Semiconductor

  MJD210 Datasheet HTML 1Page - ON Semiconductor MJD210 Datasheet HTML 2Page - ON Semiconductor MJD210 Datasheet HTML 3Page - ON Semiconductor MJD210 Datasheet HTML 4Page - ON Semiconductor MJD210 Datasheet HTML 5Page - ON Semiconductor MJD210 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MJD200 MJD210
2
Motorola Bipolar Power Transistor Device Data
ELECTRICAL CHARACTERISTICS — continued (TC = 25_C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
ON CHARACTERISTICS
DC Current Gain (1)
(IC = 500 mAdc, VCE = 1 Vdc)
(IC = 2 Adc, VCE = 1 Vdc)
(IC = 5 Adc, VCE = 2 Vdc)
hFE
70
45
10
—
180
—
—
Collector–Emitter Saturation Voltage (1)
(IC = 500 mAdc, IB = 50 mAdc)
(IC = 2 Adc, IB = 200 mAdc)
(IC = 5 Adc, IB = 1 Adc)
VCE(sat)
—
—
—
0.3
0.75
1.8
Vdc
Base–Emitter Saturation Voltage (1) (IC = 5 Adc, IB = 1 Adc)
VBE(sat)
—
2.5
Vdc
Base–Emitter On Voltage (1) (IC = 2 Adc, VCE = 1 Vdc)
VBE(on)
—
1.6
Vdc
DYNAMIC CHARACTERISTICS
Current–Gain — Bandwidth Product (2)
(IC = 100 mAdc, VCE = 10 Vdc, ftest = 10 MHz)
fT
65
—
MHz
Output Capacitance
MJD200
(VCB = 10 Vdc, IE = 0, f = 0.1 MHz)
MJD210
Cob
—
—
80
120
pF
(1) Pulse Test: Pulse Width = 300
µs, Duty Cycle [ 2%.
(2) fT = hfe• ftest.
25
25
Figure 1. Power Derating
T, TEMPERATURE (
°C)
0
50
75
100
125
150
15
10
TC
5
20
Figure 2. Switching Time Test Circuit
10K
IC, COLLECTOR CURRENT (AMPS)
10
5K
3K
2K
1K
500
300
200
100
50
1K
IC, COLLECTOR CURRENT (AMPS)
VCC = 30 V
IC/IB = 10
TJ = 25°C
500
300
200
100
50
td
30
20
10
5
2.5
0
1.5
1
TA
0.5
2
1
0.01
0.03 0.05
0.5
0.2
0.02
0.1
0.3
10
Figure 3. Turn–On Time
Figure 4. Turn–Off Time
+11 V
25
µs
0
– 9 V
RB
– 4 V
D1
SCOPE
VCC
+ 30 V
RC
tr, tf ≤ 10 ns
DUTY CYCLE = 1%
51
D1 MUST BE FAST RECOVERY TYPE, e.g.:
1N5825 USED ABOVE IB ≈ 100 mA
MSD6100 USED BELOW IB ≈ 100 mA
TC
TA (SURFACE MOUNT)
RB and RC VARIED TO OBTAIN DESIRED CURRENT LEVELS
FOR PNP TEST CIRCUIT,
REVERSE ALL POLARITIES
3
2
5
2
1
3
tr
MJD200
MJD210
30
20
0.01
0.03 0.05
0.5
0.2
0.02
0.1
0.3
10
5
2
1
3
VCC = 30 V
IC/IB = 10
IB1 = IB2
TJ = 25°C
ts
tf
MJD200
MJD210



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com