Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMUX1219DBVRQ1 Datasheet (PDF) - Texas Instruments

TMUX1219DBVRQ1 Datasheet PDF - Texas Instruments
Part # TMUX1219DBVRQ1
Download  TMUX1219DBVRQ1 Download
File Size   1189.2 Kbytes
Page   29 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TMUX1219-Q1 5V Bidirectional, 2:1 General Purpose Switch

TMUX1219DBVRQ1 Datasheet (PDF)

Go To PDF Page Download Datasheet
TMUX1219DBVRQ1 Datasheet PDF - Texas Instruments

Part # TMUX1219DBVRQ1
Download  TMUX1219DBVRQ1 Click to download

File Size   1189.2 Kbytes
Page   29 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TMUX1219-Q1 5V Bidirectional, 2:1 General Purpose Switch

TMUX1219DBVRQ1 Datasheet (HTML) - Texas Instruments


TMUX1219DBVRQ1 Product details

1 Features
• AEC-Q100 Qualified for Automotive Applications
– Device Temperature Grade 1: –40°C to 125°C
Ambient Operating Temperature
– Device HBM Classification Level H1C
– Device CDM Classification Level C3
• Rail to rail operation
• Bidirectional signal path
• 1.8V Logic compatible
• Fail-safe logic
• Low on-resistance: 3Ω
• Wide supply range: 1.08V to 5.5V
• -40°C to +125°C Operating temperature
• Low supply current: 4nA
• Transition time: 14ns
• Break-before-make switching
• ESD protection HBM: 2000V

2 Applications
• Analog and Digital Switching
• I2C and SPI bus Multiplexing
• Advanced driver assistance systems (ADAS)
• Body electronics and lighting
• Infotainment and cluster
• Zone architecture
• Body control modules
• Battery management systems
• Telematics
• Automotive head unit

3 Description
The TMUX1219-Q1 is a general purpose
complementary metal-oxide semiconductor (CMOS)
single-pole double-throw (SPDT) switch. The
TMUX1219-Q1 switches between two source inputs
based on the state of the SEL pin. Wide operating
supply of 1.08V to 5.5V allows for use in a wide
array of automotive applications. The device supports
bidirectional analog and digital signals on the source
Sx) and drain (D) pins ranging from GND to VDD.
A low supply current of 4nA enables use in portable
applications.
All logic inputs have 1.8V logic compatible thresholds,
ensuring both TTL and CMOS logic compatibility
when operating in the valid supply voltage range. Fail-
Safe Logic circuitry allows voltages on the control pins
to be applied before the supply pin, protecting the
device from potential damage.




Similar Part No. - TMUX1219DBVRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMUX1219DBVRQ1 TI1-TMUX1219DBVRQ1 Datasheet
1Mb / 29P
SN4599-Q1 Automotive 5V, 2:1 (SPDT), 1-Channel Analog Switch
REVISED JULY 2024
More results


Similar Description - TMUX1219DBVRQ1

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC75842E SANYO-LC75842E Datasheet
175Kb / 9P
General-Purpose 1/2 Duty LCD Display Driver
logo
Micrel Semiconductor
SY10EP58V MICREL-SY10EP58V Datasheet
79Kb / 5P
5V/3.3V 2:1 MULTIPLEXER
logo
Diodes Incorporated
D5V0L1B2LPS DIODES-D5V0L1B2LPS Datasheet
290Kb / 5P
5V BIDIRECTIONAL TVS DIODE
Rev 1
logo
Texas Instruments
TMUX1219 TI1-TMUX1219 Datasheet
1Mb / 30P
5-V Bidirectional, 2:1 General Purpose Switch
TMUX1247 TI1-TMUX1247 Datasheet
1Mb / 31P
TMUX1247 5-V Bidirectional, 2:1 (SPDT) General Purpose Switch
TMUX1308-Q1 TI1-TMUX1308-Q1 Datasheet
1Mb / 36P
TMUX13xx-Q1 5-V, Bidirectional 8:1, 1-Channel and 4:1, 2-Channel Multiplexers with Injection Current Control
TMUX1308-Q1 TI1-TMUX1308-Q1_V01 Datasheet
1Mb / 43P
TMUX130x-Q1 5-V, Bidirectional 8:1, 1-Channel and 4:1, 2-Channel Multiplexers with Injection Current Control
TMUX1308-Q1 TI-TMUX1308-Q1_V02 Datasheet
2Mb / 43P
TMUX13xx-Q1 5-V, Bidirectional 8:1, 1-Channel and 4:1, 2-Channel Multiplexers with Injection Current Control
TMUX1308-Q1 TI-TMUX1308-Q1_V03 Datasheet
2Mb / 43P
TMUX13xx-Q1 5-V, Bidirectional 8:1, 1-Channel and 4:1, 2-Channel Multiplexers with Injection Current Control
logo
Diodes Incorporated
DESD5V0S1BAQ DIODES-DESD5V0S1BAQ Datasheet
378Kb / 5P
5V BIDIRECTIONAL TVS DIODE
Rev 1
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com