Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTPS16850VMAR Datasheet (PDF) - Texas Instruments

PTPS16850VMAR Datasheet PDF - Texas Instruments
Part # PTPS16850VMAR
Download  PTPS16850VMAR Download
File Size   5349.33 Kbytes
Page   56 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TPS1685x 9V–80V, 3.65mΩ, 20A Stackable Integrated Hotswap (eFuse) With Accurate and Fast Current Monitor

PTPS16850VMAR Datasheet (PDF)

Go To PDF Page Download Datasheet
PTPS16850VMAR Datasheet PDF - Texas Instruments

Part # PTPS16850VMAR
Download  PTPS16850VMAR Click to download

File Size   5349.33 Kbytes
Page   56 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TPS1685x 9V–80V, 3.65mΩ, 20A Stackable Integrated Hotswap (eFuse) With Accurate and Fast Current Monitor

PTPS16850VMAR Datasheet (HTML) - Texas Instruments


PTPS16850VMAR Product details

1 Features
• Input operating voltage range: 9V to 80V
– 92V absolute maximum
– Withstands negative voltages up to –5V at
output
• Integrated FET with low on-resistance: RON =
3.65mΩ (typ)
• Active high enable input with adjustable
undervoltage lockout (UVLO)
• Adjustable overvoltage protection
• Supports parallel connection of multiple eFuses
with device state synchronization and load sharing
during start-up and steady state
• Adjustable output slew rate control (dVdt) for
inrush current protection
• Precise load current monitoring
– <3% error for over 50-100% of max current
– 1MHz bandwidth
• Robust overcurrent protection
– Circuit-breaker response
– Adjustable threshold: 2A to 20A
– Overcurrent protection accuracy: ±3%
– Adjustable transient overcurrent timer (ITIMER)
to support peak currents
• Fast-trip response to short-circuit events
• Overtemperature protection (OTP) with analog die
temperature monitor output (TEMP)
• FET health monitoring and reporting
• Fault indication pin (FLT )
• Power Good indication pin (PGOOD)
• Small footprint: QFN 6mm × 5mm
– IPC9592B clearance for 60V

2 Applications
• Input hotswap and hotplug
• Server and high performance computing
• Network interface cards
• Graphics and hardware accelerator cards
• Data center switches and routers
• Fire alarm control panel

3 Description
The TPS1685x is an integrated high current circuit
protection and power management device. The
device provides multiple protection modes using very
few external components and is a robust defense
against overloads, short-circuits and excessive inrush
current. Applications with particular inrush current
requirements can set the output slew rate with a
single external capacitor. Output current limit level
can be set by user as per system needs. A
user adjustable overcurrent blanking timer allows
systems to support transient peaks in the load
current without tripping the eFuse. An integrated
fast and accurate sense analog load current monitor
facilitates predictive maintenance and advanced
dynamic platform power management such as Intel®
PSYS and PROCHOT to optimize server and datacenter
performance.
Multiple TPS1685x devices can be connected in
parallel to increase the total current capacity for high
power systems. All devices actively synchronize their
operating state and share current during start-up as
well as steady state to avoid over-stressing some of
the devices which can result in premature or partial
shutdown of the parallel chain.
An integrated fast and accurate sense analog load
current monitor facilitates predictive maintenance
and advanced dynamic platform power management
techniques such as Intel® PSYS and PROCHOT#
to maximize system throughput and power supply
utilization.
The devices are characterized for operation over a
junction temperature range of –40°C to +125°C.




Similar Part No. - PTPS16850VMAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTPS16850VMAR TI2-PTPS16850VMAR Datasheet
5Mb / 58P
TPS1685x 9V–80V, 3.5mΩ, 20A Stackable Integrated Hotswap (eFuse) With Accurate and Fast Current Monitor
REVISED AUGUST 2025
PTPS16850VMAR.A TI2-PTPS16850VMAR.A Datasheet
5Mb / 58P
TPS1685x 9V–80V, 3.5mΩ, 20A Stackable Integrated Hotswap (eFuse) With Accurate and Fast Current Monitor
REVISED AUGUST 2025
PTPS16850VMAR.B TI2-PTPS16850VMAR.B Datasheet
5Mb / 58P
TPS1685x 9V–80V, 3.5mΩ, 20A Stackable Integrated Hotswap (eFuse) With Accurate and Fast Current Monitor
REVISED AUGUST 2025
More results


Similar Description - PTPS16850VMAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS24750 TI1-TPS24750 Datasheet
1Mb / 42P
12A eFuse Circuit Protector with Current Monitor
TPS2596 TI1-TPS2596 Datasheet
3Mb / 39P
2.7 to 19 V, 0.13 to 2-A, 85-m廓 eFuse With Accurate Current Monitor and Fast Overvoltage Protection
TPS2596 TI1-TPS2596_V01 Datasheet
3Mb / 39P
TPS2596 2.7 to 19 V, 0.13 to 2-A, 85-m廓 eFuse With Accurate Current Monitor and Fast Overvoltage Protection
logo
ON Semiconductor
NCP303151A ONSEMI-NCP303151A Datasheet
695Kb / 17P
Integrated Driver and MOSFET with Integrated Current Monitor
June, 2020 ??Rev. 0
logo
Texas Instruments
TPS25985 TI-TPS25985 Datasheet
5Mb / 61P
TPS25985x 4.5 V??6 V, 0.59-m廓, 70-A Stackable eFuse with Accurate and Fast Current Monitor
MAY 2022
TPS25985 TI-TPS25985_V01 Datasheet
6Mb / 69P
TPS25985x 4.5 V – 16 V, 0.59-mΩ, 80-A Stackable eFuse with Accurate and Fast Current Monitor
REVISED SEPTEMBER 2022
logo
ON Semiconductor
NCP303150D ONSEMI-NCP303150D Datasheet
596Kb / 19P
Integrated Driver and MOSFET with Integrated Current Monitor
October, 2019 - Rev. 2
logo
Texas Instruments
TPS25985 TI1-TPS25985_V02 Datasheet
6Mb / 70P
TPS25985x 4.5 V – 16 V, 0.59-mΩ, 80-A Stackable eFuse with Accurate and Fast Current Monitor
REVISED SEPTEMBER 2022
TPS25984 TI-TPS25984 Datasheet
7Mb / 69P
TPS25984x 4.5 V – 16 V, 0.8-mΩ, 70-A Stackable eFuse With Accurate and Fast Current Monitor
REVISED OCTOBER 2023
TPS25984 TI1-TPS25984_V01 Datasheet
7Mb / 70P
TPS25984x 4.5 V – 16 V, 0.8-mΩ, 70-A Stackable eFuse With Accurate and Fast Current Monitor
REVISED OCTOBER 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com