Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS92201DRV Datasheet (PDF) - Texas Instruments

TPS92201DRV Datasheet PDF - Texas Instruments
Part # TPS92201DRV
Download  TPS92201DRV Download
File Size   3227.99 Kbytes
Page   30 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TPS92201 1.5A High Efficiency Synchronous Buck LED Driver

TPS92201DRV Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS92201DRV Datasheet PDF - Texas Instruments

Part # TPS92201DRV
Download  TPS92201DRV Click to download

File Size   3227.99 Kbytes
Page   30 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TPS92201 1.5A High Efficiency Synchronous Buck LED Driver

TPS92201DRV Datasheet (HTML) - Texas Instruments


TPS92201DRV Product details

1 Features
• 2.5V to 5.5V input voltage range
• 1.5A constant output current
• Up to 95% efficiency
• 0.1μA shutdown current
• 220mΩ (HS) / 170mΩ (LS) MOSFETs
• Up to 100% switching duty cycle
• 1.5MHz switching frequency
• Force PWM mode for low output ripple
(TPS92201)
• Power save mode for high efficiency in light load
(TPS92201A)
• 0.6V to VIN output voltage range
• 100mV feedback regulation voltage
• 1% to 100% analog dimming with high accuracy
• 20kHz to 200kHz PWM input frequency
• Internal soft startup
• Full protection with over current, LED open/short,
FB resistor open/short
• Thermal shutdown protection
• WSON and SOT563 package options

2 Applications
• Test and measurement
• Power delivery
• Building automation
– Smart home camera
– Video doorbell
– IP camera
– Smart doorlock
– Flashlight

3 Description
The TPS92201 is a high-efficiency 1.5A synchronous
buck-type LED driver with 2.5V to 5.5V input range.
By integrating the high-side and low-side MOSFET,
high efficiency and compact solution size can be
achieved. The ultra-low 1μA shutdown current helps
saving power in battery-powered applications.
Adaptive off-time with peak current control scheme is
adapted in the TPS92201. To get the smallest output
ripple, the device operates at typically 1.5MHz pulse
width modulation (PWM) mode in full current range.
Adaptive off-time with peak current control scheme is
adapted in the TPS92201A. At medium to heavy load,
the device operates in pulse width modulation (PWM)
mode with 1.5MHz switching frequency. At light
load, the device automatically enters pulse frequency
modulation (PFM) to maintain high efficiency over the
entire load current range.
The integrated switches have the capability to deliever
up to 1.5A constant current. Analog dimming is
achieved by adjusting the duty cycle of the PWM input
with 1% to 100% range. 20kHz to 200kHz input PWM
frequency can be supported to avoid audible noise.
For safety and protection, the TPS92201 device
implement full protections, including LED open, LED
short, FB resistor open, FB resistor short and thermal
shutdown.




Similar Part No. - TPS92201DRV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS92201DRV TI-TPS92201DRV Datasheet
2Mb / 28P
TPS92201 1.5-A High Efficiency Synchronous Buck LED Driver
NOVEMBER 2023
TPS92201DRVR TI-TPS92201DRVR Datasheet
2Mb / 28P
TPS92201 1.5-A High Efficiency Synchronous Buck LED Driver
NOVEMBER 2023
More results


Similar Description - TPS92201DRV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27221 TI-UCC27221 Datasheet
488Kb / 27P
HIGH EFFICIENCY PREDICTIVE SYNCHRONOUS BUCK DRIVER
logo
Diodes Incorporated
AL8806 DIODES-AL8806 Datasheet
422Kb / 15P
HIGH EFFICIENCY 30V 1.5A BUCK LED DRIVER
Rev 2
logo
Texas Instruments
UCC27221 TI1-UCC27221_15 Datasheet
1Mb / 34P
HIGH-EFFICIENCY PREDICTIVE SYNCHRONOUS BUCK DRIVER
UC27221 TI1-UC27221 Datasheet
1Mb / 34P
HIGH-EFFICIENCY PREDICTIVE SYNCHRONOUS BUCK DRIVER
logo
Diodes Incorporated
AL8806 DIODES-AL8806_13 Datasheet
468Kb / 15P
HIGH EFFICIENCY 36V 1.5A BUCK LED DRIVER
Rev 5
logo
Monolithic Power System...
MP4425M MPS-MP4425M Datasheet
1Mb / 20P
High Efficiency 1.5A, 36V, 2.2MHz Synchronous Step Down LED Driver
logo
Shanghai awinic technol...
AW3648 AWINIC-AW3648 Datasheet
2Mb / 37P
High Efficiency, 1.5A Flash LED Driver
logo
Diodes Incorporated
AL8860Q DIODES-AL8860Q Datasheet
884Kb / 15P
HIGH EFFICIENCY 40V 1.5A AUTOMOTIVE GRADE BUCK LED DRIVER
August 2022
AL8861Q DIODES-AL8861Q Datasheet
918Kb / 15P
HIGH EFFICIENCY 40V 1.5A AUTOMOTIVE GRADE BUCK LED DRIVER
August 2022
logo
Texas Instruments
TPS92201 TI-TPS92201 Datasheet
2Mb / 28P
TPS92201 1.5-A High Efficiency Synchronous Buck LED Driver
NOVEMBER 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com