Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB8020BIPHPR Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
TUSB8020BIPHPR Datasheet PDF - Texas Instruments
Part # TUSB8020BIPHPR
Download  TUSB8020BIPHPR Download
File Size   1552.09 Kbytes
Page   44 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TUSB8020B Two-Port USB 3.0 Hub

TUSB8020BIPHPR Datasheet (PDF)

Go To PDF Page Download Datasheet
TUSB8020BIPHPR Datasheet PDF - Texas Instruments

Part # TUSB8020BIPHPR
Download  TUSB8020BIPHPR Click to download

File Size   1552.09 Kbytes
Page   44 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TUSB8020B Two-Port USB 3.0 Hub

TUSB8020BIPHPR Datasheet (HTML) - Texas Instruments


TUSB8020BIPHPR Product details

1 Features
1• Two-Port USB 3.0 Compliant Hub, USBIF
TID#330000057
• USB 2.0 Hub Features
– Multi-Transaction Translator (MTT) Hub: Two
Transaction Translators
– Four Asynchronous Endpoint Buffers Per
Transaction Translator
• Supports Battery Charging
– CDP Mode (Upstream Port Connected)
– DCP Mode (Upstream Port Unconnected)
– DCP Mode Complies With Chinese
Telecommunications Industry Standard YD/T
1591-2009
• Support D+/D– Divider Mode
• Supports Operation as a USB 3.0 or USB 2.0
Compound Device
• Per Port or Ganged Power Switching and
Overcurrent Notification Inputs
• OTP ROM, Serial EEPRO,M or I2C/SMBus Slave
Interface for Custom Configurations:
– VID and PID
– Port Customizations
– Manufacturer and Product Strings (not by OTP
ROM)
– Serial Number (not by OTP ROM)
• Application Feature Selection Using Terminal
Selection or EEPROM/ or I2C/SMBus Slave
Interface
• Provides 128-Bit Universally Unique Identifier
(UUID)
• Supports On-Board and In-System OTP/EEPROM
Programming Through the USB 2.0 Upstream
Port
• Single Clock Input, 24-MHz Crystal or Oscillator
• No Special Driver Requirements; Works
Seamlessly on any Operating System With USB
Stack Support
• 48-Pin HTQFP Package (PHP)

2 Applications
• Computer Systems
• Docking Stations
• Monitors
• Set-Top Boxes

3 Description
The TUSB8020B is a two-port USB 3.0 compliant
hub. It provides simultaneous SuperSpeed USB and
high-speed/full-speed connections on the upstream
port and provides SuperSpeed USB, high-speed, fullspeed,
or low-speed connections on the downstream
ports. When the upstream port is connected to an
electrical environment that only supports high-speed
or full-speed/low-speed connections, SuperSpeed
USB connectivity is disabled on the downstream
ports. When the upstream port is connected to an
electrical environment that only supports fullspeed/
low-speed connections, SuperSpeed USB and
high-speed connectivity are disabled on the
downstream ports.
The TUSB8020B supports per port or ganged power
switching and overcurrent protection.
An individually port power controlled hub switches
power on or off to each downstream port as
requested by the USB host. Also when an individually
port power controlled hub senses an overcurrent
event, only power to the affected downstream port
will be switched off.
A ganged hub switches on power to all its
downstream ports when power is required to be on
for any port. The power to the downstream ports is
not switched off unless all ports are in a state that
allows power to be removed. Also when a ganged
hub senses an overcurrent event, power to all
downstream ports will be switched off.




Similar Part No. - TUSB8020BIPHPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB8020BIPHPR TI1-TUSB8020BIPHPR Datasheet
1Mb / 43P
Two-Port USB 3.0 Hub
TUSB8020BIPHPRQ1 TI1-TUSB8020BIPHPRQ1 Datasheet
1Mb / 45P
Automotive Two-Port USB 3.0 Hub
More results


Similar Description - TUSB8020BIPHPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB8040_1110 TI-TUSB8040_1110 Datasheet
414Kb / 33P
USB 3.0 Four Port Hub
TUSB8040A TI1-TUSB8040A Datasheet
700Kb / 39P
Four-Port and Two-Port USB 3.0 Hub
TUSB8040A1 TI1-TUSB8040A1 Datasheet
391Kb / 38P
Four-Port USB 3.0 Hub
TUSB8041 TI1-TUSB8041 Datasheet
2Mb / 48P
Four-Port USB 3.0 Hub
TUSB4020BI TI1-TUSB4020BI_15 Datasheet
1Mb / 45P
TUSB4020BI Two-Port USB 2.0 Hub
TUSB4020BI-Q1 TI1-TUSB4020BI-Q1 Datasheet
1Mb / 45P
Two-Port USB 2.0 Hub
TUSB8020B TI1-TUSB8020B Datasheet
1Mb / 43P
Two-Port USB 3.0 Hub
TUSB8020B-Q1 TI1-TUSB8020B-Q1 Datasheet
1Mb / 45P
Automotive Two-Port USB 3.0 Hub
TUSB8040 TI1-TUSB8040_15 Datasheet
363Kb / 32P
USB 3.0 Four Port Hub
logo
Beckhoff Automation Gmb...
CU8006 BECKHOFF-CU8006 Datasheet
110Kb / 1P
4-port USB 3.0 hub
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com