Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB8020BIPHPR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB8020BIPHPR
Description  TUSB8020B Two-Port USB 3.0 Hub
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB8020BIPHPR Datasheet(HTML) 3 Page - Texas Instruments

  TUSB8020BIPHPR Datasheet HTML 1Page - Texas Instruments TUSB8020BIPHPR Datasheet HTML 2Page - Texas Instruments TUSB8020BIPHPR Datasheet HTML 3Page - Texas Instruments TUSB8020BIPHPR Datasheet HTML 4Page - Texas Instruments TUSB8020BIPHPR Datasheet HTML 5Page - Texas Instruments TUSB8020BIPHPR Datasheet HTML 6Page - Texas Instruments TUSB8020BIPHPR Datasheet HTML 7Page - Texas Instruments TUSB8020BIPHPR Datasheet HTML 8Page - Texas Instruments TUSB8020BIPHPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 44 page
background image
36
35
34
33
32
31
30
29
28
27
26
25
VDD33
37
24
USB_R1
XI
38
23
VDD33
XO
39
22
SMBUSz / SS_DN2
VDD33
40
21
PWRCTL_POL / SS_DN1
USB_DP_DN1
41
20
USB_SSRXM_DN2
USB_DM_DN1
42
19
USB_SSRXP_DN2
USB_SSTXP_DN1
43
18
VDD
USB_SSTXM_DN1
44
17
USB_SSTXM_DN2
VDD
45
16
USB_SSTXP_DN2
USB_SSRXP_DN1
46
15
USB_DM_DN2
USB_SSRXM_DN1
47
14
USB_DP_DN2
VDD33
48
13
VDD33
1
2
3
4
5
6
7
8
9
10
11
12
Thermal Pad
3
TUSB8020B
www.ti.com
SLLSEF6C – JULY 2014 – REVISED JUNE 2017
Product Folder Links: TUSB8020B
Submit Documentation Feedback
Copyright © 2014–2017, Texas Instruments Incorporated
6 Pin Configuration and Functions
PHP Package
36 Pin (HTQFP)
(Top View)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com