Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN0022HFT Datasheet (PDF) - Texas Instruments

SN0022HFT Datasheet PDF - Texas Instruments
Part # SN0022HFT
Download  SN0022HFT Download
File Size   4375.88 Kbytes
Page   84 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TPS7H500x-SP Radiation-Hardness-Assured 2MHz Current Mode PWM Controllers

SN0022HFT Datasheet (PDF)

Go To PDF Page Download Datasheet
SN0022HFT Datasheet PDF - Texas Instruments

Part # SN0022HFT
Download  SN0022HFT Click to download

File Size   4375.88 Kbytes
Page   84 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TPS7H500x-SP Radiation-Hardness-Assured 2MHz Current Mode PWM Controllers

SN0022HFT Datasheet (HTML) - Texas Instruments


SN0022HFT Product details

1 Features
• Radiation performance:
– Radiation hardness assured (RHA) up to
TID 100krad(Si)
– SEL, SEB, and SEGR immune to
LET = 75MeV-cm2/mg
– SET and SEFI characterized up to
LET = 75MeV-cm2/mg
– No cross-conduction events for controller
outputs observed during SET characterization
• Input voltage: 4V to 14V
• 0.613V +0.7%/–1% voltage reference over
temperature, radiation, and line and load
regulation
• Switching frequency from 100kHz to 2MHz
• External clock synchronization capability
• Synchronous rectification outputs
– TPS7H5001-SP, TPS7H5002-SP,
TPS7H5003-SP
• Adjustable dead time
– TPS7H5001-SP, TPS7H5002-SP
• Adjustable leading edge blank time
– TPS7H5001-SP, TPS7H5002-SP,
TPS7H5004-SP
• Configurable duty cycle limit
– TPS7H5001-SP, TPS7H5002-SP,
TPS7H5003-SP
• Adjustable slope compensation and soft start
• Package options include CFP and TSSOP

2 Applications
• Space satellite point of load supply for FPGAs,
microcontrollers, data converters, and ASICs
• Communications payload
• Command and data handling
• Satellite electrical power system

3 Description
The TPS7H500x-SP family of high speed radiationhardness-
assured PWM controllers. The controllers
provide a number of features that are beneficial for
the design of DC-DC converter topologies intended
for space applications. The controllers have a
0.613V +0.7%/–1% accurate internal reference and
configurable switching frequency up to 2MHz. Each
device offers programmable slope compensation and
soft-start.
The TPS7H500x-SP series can be driven using
an external clock through the SYNC pin or
by using the internal oscillator at a frequency
programmed by the user. The controller family
offers the user various options for switching outputs,
synchronous rectification capability, dead time (fixed
or configurable), leading edge blank time (fixed or
configurable), and duty cycle limit. Each device in the
TPS7H500x-SP series is available in both a 22-pin
CFP ceramic package and a 24-pin TSSOP plastic
package.




Similar Part No. - SN0022HFT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN0020HLC TI2-SN0020HLC Datasheet
2Mb / 53P
TPS7H401x-SP and TPS7H401x-SEP 4.5V to 14V Input, 3A and 6A, Radiation Hardened Synchronous Buck Converter
MAY 2025
SN0020HLC TI2-SN0020HLC Datasheet
2Mb / 58P
TPS7H401x-SP and TPS7H401x-SEP 4.5V to 14V Input, 3A and 6A, Radiation Hardened Synchronous Buck Converter
REVISED NOVEMBER 2025
SN0020HLC TI2-SN0020HLC Datasheet
2Mb / 61P
TPS7H401x-SP and TPS7H401x-SEP 4.5V to 14V Input, 3A and 6A, Radiation Hardened Synchronous Buck Converter
REVISED APRIL 2026
More results


Similar Description - SN0022HFT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMP7704-SP TI-LMP7704-SP Datasheet
1Mb / 31P
LMP7704-SP Radiation Hardness Assured (RHA), Precision, Low Input Bias, RRIO, Wide Supply Range Amplifiers
TPS7H5001-SP TI-TPS7H5001-SP Datasheet
3Mb / 58P
TPS7H5001-SP Radiation-Hardness-Assured Si and GaN Dual Output Controller
TPS7H2211-SP TI-TPS7H2211-SP Datasheet
1Mb / 41P
TPS7H2211-SP Radiation-Hardness-Assured (RHA) 14-V, 3.5-A eFuse
NOVEMBER 2021
TPS7H5005-SEP TI-TPS7H5005-SEP Datasheet
4Mb / 71P
TPS7H500x-SEP Radiation-Tolerant 2-MHz Current Mode PWM Controllers in Space Enhanced Plastic
TPS7H5001-SP TI-TPS7H5001-SP_V01 Datasheet
4Mb / 72P
TPS7H500x-SP Radiation-Hardness-Assured 2-MHz Current Mode PWM Controllers
FEBRUARY 2022
TPS7H2211-SP TI-TPS7H2211-SP_V01 Datasheet
1Mb / 42P
TPS7H2211-SP Radiation-Hardness-Assured (RHA) 14-V, 3.5-A eFuse
MAY 2022
TPS7H5005-SEP TI-TPS7H5005-SEP_V01 Datasheet
4Mb / 74P
TPS7H500x-SEP Radiation-Tolerant 2-MHz Current Mode PWM Controllers in Space Enhanced Plastic
REVISED SEPTEMBER 2022
TPS7H5001-SP TI-TPS7H5001-SP_V02 Datasheet
3Mb / 74P
TPS7H500x-SP Radiation-Hardness-Assured 2-MHz Current Mode PWM Controllers
REVISED FEBRUARY 2023
TPS7H2211-SP TI1-TPS7H2211-SP_V02 Datasheet
2Mb / 49P
TPS7H2211-SP and TPS7H2211-SEP Radiation-Hardness-Assured (RHA) 14-V, 3.5-A eFuse
REVISED JULY 2023
TPS7H5001-SP TI-TPS7H5001-SP_V03 Datasheet
4Mb / 83P
TPS7H500x-SP Radiation-Hardness-Assured 2-MHz Current Mode PWM Controllers
REVISED AUGUST 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com