Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN0020HLC Datasheet (PDF) - Texas Instruments

SN0020HLC Datasheet PDF - Texas Instruments
Part # SN0020HLC
Download  SN0020HLC Download
File Size   2426.67 Kbytes
Page   58 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS7H401x-SP and TPS7H401x-SEP 4.5V to 14V Input, 3A and 6A, Radiation Hardened Synchronous Buck Converter

SN0020HLC Datasheet (PDF)

Go To PDF Page Download Datasheet
SN0020HLC Datasheet PDF - Texas Instruments

Part # SN0020HLC
Download  SN0020HLC Click to download

File Size   2426.67 Kbytes
Page   58 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS7H401x-SP and TPS7H401x-SEP 4.5V to 14V Input, 3A and 6A, Radiation Hardened Synchronous Buck Converter

SN0020HLC Datasheet (HTML) - Texas Instruments


SN0020HLC Product details

1 Features
• Total ionizing dose (TID) characterized
– Radiation hardness assurance (RHA)
availability of up to 100krad(Si)
• Single-Event Effects (SEE) characterized
– Single-event latchup (SEL), single-event
burnout (SEB), and single-event gate rupture
(SEGR) immune up to linear energy transfer
(LET) = 75MeV-cm2/mg
– Single-event functional interrupt (SEFI) and
single-event transient (SET) characterized up to
LET = 75MeV-cm2/mg
• Input voltage range from 4.5V to 14V
• 6A (TPS7H4012) or 3A (TPS7H4013) maximum
output current
• High efficiency (typical values for VIN = 12V,
VOUT = 3.3V, fSW = 500kHz)
– 88% at 1A
– 92% at 3A
– 91% at 6A
• Integrated 33mΩ (HS) and 27mΩ (LS) MOSFETs
(typ at 12V)
• Flexible switching frequency options:
– 100kHz to 1MHz, accurate (±15% or better),
adjustable internal oscillator
– 100kHz to 1MHz external sync capability
• 0.6V ± 0.83% voltage reference over line,
temperature, and radiation
• Supports start-up into prebiased outputs
• Adjustable slope compensation and soft-start
• Adjustable input enable and power-good output for
power sequencing
• Power-good output monitor for undervoltage and
overvoltage
• Supports inverting buck-boost topology
• Plastic packages outgas tested per ASTM E595
• Available in military (–55°C to 125°C) temperature
range

2 Applications
• Space satellite point of load supply
• Satellite electrical power systems (EPS)
• Communications payload
• Radar imaging payload
• Radiation hardened power supplies

3 Description
The TPS7H401x devices are 14V synchronous
buck converters optimized for use in a space
environment. The TPS7H4012 is a 6A device and the
TPS7H4013 is a 3A device. The peak current mode
converter obtains high efficiency with good transient
performance and reduced component count.
The wide voltage range of the TPS7H401x enables
it to be used as a point of load regulator to convert
directly from a 12V or 5V rail. The output voltage
start-up ramp is controlled by the SS_TR pin. Power
sequencing is possible with the EN and PWRGD pins.
Additionally, various features are included such as
an optimized current limit for each device, a flexible
switching frequency, and configurable compensation.




Similar Part No. - SN0020HLC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN0020HLC TI2-SN0020HLC Datasheet
2Mb / 53P
TPS7H401x-SP and TPS7H401x-SEP 4.5V to 14V Input, 3A and 6A, Radiation Hardened Synchronous Buck Converter
MAY 2025
SN0020HLC TI2-SN0020HLC Datasheet
2Mb / 61P
TPS7H401x-SP and TPS7H401x-SEP 4.5V to 14V Input, 3A and 6A, Radiation Hardened Synchronous Buck Converter
REVISED APRIL 2026
More results


Similar Description - SN0020HLC

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL70001SRH INTERSIL-ISL70001SRH Datasheet
289Kb / 16P
Radiation Hardened and SEE Hardened 6A Synchronous Buck Regulator with Integrated MOSFETs
December 15, 2009
ISL70001SRH INTERSIL-ISL70001SRH_11 Datasheet
598Kb / 16P
Radiation Hardened and SEE Hardened 6A Synchronous Buck Regulator
May 23, 2011
ISL70003SEH INTERSIL-ISL70003SEH Datasheet
1Mb / 32P
Radiation Hardened and SEE Hardened 3V to 13.2V, 6A Buck Regulator
May 12, 2016
logo
Rohm
BD86123AEFJ ROHM-BD86123AEFJ Datasheet
452Kb / 20P
4.5V to 18V, 3A 1ch Synchronous Buck Converter
BD95835EFJ ROHM-BD95835EFJ Datasheet
585Kb / 23P
4.5V to 18V, 3A 1ch Synchronous Buck Converter
logo
Texas Instruments
TPS50601A-SP TI-TPS50601A-SP_V01 Datasheet
1Mb / 36P
TPS50601A-SP Radiation Hardened 3-V to 7-V Input, 6-A Synchronous Buck Converter
OCTOBER 2019
logo
Diodes Incorporated
AP62600 DIODES-AP62600 Datasheet
2Mb / 26P
4.5V TO 18V INPUT, 6A SYNCHRONOUS BUCK CONVERTER
June 2022
logo
Renesas Technology Corp
ISL70001ASEH RENESAS-ISL70001ASEH Datasheet
1Mb / 28P
Radiation Hardened and SEE Hardened 6A Synchronous Buck Regulator
Sep 16, 2022
ISL70003SEH RENESAS-ISL70003SEH Datasheet
1Mb / 32P
Radiation Hardened and SEE Hardened 3V to 13.2V, 6A Buck Regulator
December 8, 2016
logo
Texas Instruments
TPS7H3302-SP TI-TPS7H3302-SP Datasheet
1Mb / 37P
TPS7H3302-SP and TPS7H3302-SEP 3-A DDR Radiation Hardened Termination Regulator
REVISED MAY 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com