Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW24 Datasheet (PDF) - Alpha Wire

SW24 Datasheet PDF - Alpha Wire
Part # SW24
Download  SW24 Download
File Size   386.97 Kbytes
Page   3 Pages
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire
Description RoHS-Compliant Commencing With 10/1/2004 Production

SW24 Datasheet (PDF)

Go To PDF Page Download Datasheet
SW24 Datasheet PDF - Alpha Wire

Part # SW24
Download  SW24 Click to download

File Size   386.97 Kbytes
Page   3 Pages
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire
Description RoHS-Compliant Commencing With 10/1/2004 Production

SW24 Datasheet (HTML) - Alpha Wire


SW24 Product details

Construction
Product Spiral Wrap Tubing
Material Nylon
Color Natural
Flamability Self Extinguishing
Dimensions:
Outside Diameter 0.750" +/- 0.025"
Inside Diameter 0.686", Nominal
Wall Thickness 0.032", Nominal
Pitch 0.750",Nominal
Pitch Direction Right Hand




Similar Part No. - SW24

ManufacturerPart #DatasheetDescription
logo
NiceRF Wireless Technol...
SW240-ZB144 G-NICE-SW240-ZB144 Datasheet
203Kb / 2P
VHF Band Omnidirectional Antenna
Rev 1.0
SW2400-ZD195 G-NICE-SW2400-ZD195 Datasheet
564Kb / 2P
2.4GHz Folding Rod Antenna
V1.0
logo
Shenzhen Sunnyway Batte...
SW24000 SUNNYWAY-SW24000 Datasheet
392Kb / 1P
Telecom & Industry stationary battery
logo
List of Unclassifed Man...
SW24000 ETC2-SW24000 Datasheet
554Kb / 2P
Wireless Technology to Control and Monitor Anything from Anywhere
logo
Shenzhen Sunnyway Batte...
SW24000E SUNNYWAY-SW24000E Datasheet
349Kb / 1P
Photovaltaic & wind power battery
More results


Similar Description - SW24

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
74737-0002 MOLEX-74737-0002 Datasheet
266Kb / 2P
RoHS Compliant 1-by-1 SFP Cage
logo
International Rectifier
IRF6612TRPBF IRF-IRF6612TRPBF Datasheet
249Kb / 10P
RoHs Compliant
IRF6691TR1PBF IRF-IRF6691TR1PBF Datasheet
642Kb / 10P
RoHs Compliant
logo
GeneSiC Semiconductor, ...
GBJ6B GENESIC-GBJ6B Datasheet
843Kb / 3P
Compliant with RoHS Provisions
GBJ6J GENESIC-GBJ6J Datasheet
842Kb / 3P
Compliant with RoHS Provisions
GBJ10B GENESIC-GBJ10B Datasheet
618Kb / 3P
Compliant with RoHS Provisions
GBJ15B GENESIC-GBJ15B Datasheet
847Kb / 3P
Compliant with RoHS Provisions
GBJ15J GENESIC-GBJ15J Datasheet
847Kb / 3P
Compliant with RoHS Provisions
GBJ20J GENESIC-GBJ20J Datasheet
773Kb / 3P
Compliant with RoHS Provisions
GBJ25B GENESIC-GBJ25B Datasheet
796Kb / 3P
Compliant with RoHS Provisions
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com