Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW24 Datasheet(PDF) 2 Page - Alpha Wire

Part # SW24
Description  RoHS-Compliant Commencing With 10/1/2004 Production
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

SW24 Datasheet(HTML) 2 Page - Alpha Wire

  SW24 Datasheet HTML 1Page - Alpha Wire SW24 Datasheet HTML 2Page - Alpha Wire SW24 Datasheet HTML 3Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Properties
Temperature Rating
-40 to +121C
Tensile Strength
12,000 PSI
Other
Packaging
a) 100 FT
b)25 FT
Packages may contain a Maximum of 3 lengths, 10 ft Minimum Length
www.alphawire.com
Alpha Wire
2200 US Highway 27 South
Richmond, IN 47374
Tel: 1-800-52 ALPHA
Although Alpha Wire (“Alpha”) makes every reasonable effort to ensure there accuracy at the time of publication, information and
specifications described herein are subject to errors or omissions and to changes without notice, and the listing of such information and
specifications does not ensure product availability.
Alpha provides the information and specifications herein on an “AS IS” basis, with no representations or warranties, whether express,
statutory or implied. In no event will Alpha be liable for any damages (including consequential, indirect, incidental, special, punitive, or
exemplary) whatsoever, even if Alpha had been advised of the possibility of such damages, whether in an action under contract, negligence
or any other theory, arising out of or in connection with the use, or inability to use, the information or specifications described herein.
ALPHA WIRE - CONFIDENTIAL AND PROPRIETARY Notice to persons receiving this document and/or technical information. This document
is confidential and is the exclusive property of ALPHA WIRE, and is merely on loan and subject to recall by ALPHA WIRE at any time. By
taking possession of this document, the recipient acknowledges and agrees that this document cannot be used in any manner adverse to
the interests of ALPHA WIRE, and that no portion of this document may be copied or otherwise reproduced without the prior written
consent of ALPHA WIRE. In the case of conflicting contractual provisions, this notice shall govern the status of this document. <br /><br />
©2019 ALPHA WIRE - all rights reserved.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com