Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CYRS1069G Datasheet (PDF) - Infineon Technologies AG

CYRS1069G Datasheet PDF - Infineon Technologies AG
Part # CYRS1069G
Download  CYRS1069G Download
File Size   326.21 Kbytes
Page   25 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description 16-Mb Static RAM with ECC and RADSTOP™ technology

CYRS1069G Datasheet (PDF)

Go To PDF Page Download Datasheet
CYRS1069G Datasheet PDF - Infineon Technologies AG

Part # CYRS1069G
Download  CYRS1069G Click to download

File Size   326.21 Kbytes
Page   25 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description 16-Mb Static RAM with ECC and RADSTOP™ technology

CYRS1069G Datasheet (HTML) - Infineon Technologies AG


CYRS1069G Product details

Features
• Temperature ranges
- Military/Space: –55°C to 125°C
• High speed
- tAA = 10 ns
• Low active power
- ICC = 90 mA at 10 ns (typical)
• Low CMOS standby power
- ISB2 = 20 mA (typical)
• 1.0 V data retention
• Automatic power-down when deselected
• Transistor-transistor logic (TTL) compatible inputs and outputs
• Easy memory expansion with CE and OE features
• Available in Gold plated lead 36-pin ceramic flat package




Similar Part No. - CYRS1069G

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYRS1049DV33 CYPRESS-CYRS1049DV33 Datasheet
1Mb / 16P
4-Mbit (512 K 횞 8) Static RAM
More results


Similar Description - CYRS1069G

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62147DV18 CYPRESS-CY62147DV18 Datasheet
734Kb / 11P
4-Mb (256K x 16) Static RAM
CY62127DV30 CYPRESS-CY62127DV30 Datasheet
384Kb / 12P
1 Mb (64K x 16) Static RAM
CY62167DV20 CYPRESS-CY62167DV20 Datasheet
247Kb / 10P
16-Mb (1024K x 16) Static RAM
CY62127DV30 CYPRESS-CY62127DV30_06 Datasheet
549Kb / 11P
1-Mb (64K x 16) Static RAM
CY62127DV18 CYPRESS-CY62127DV18_05 Datasheet
223Kb / 11P
1 Mb (64K x 16) Static RAM
CY62127DV30 CYPRESS-CY62127DV30_09 Datasheet
554Kb / 11P
1-Mb (64K x 16) Static RAM
logo
Integrated Silicon Solu...
IS61WV6416EEBLL ISSI-IS61WV6416EEBLL Datasheet
943Kb / 15P
64K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH ECC
S61WV25616EDBLL ISSI-S61WV25616EDBLL Datasheet
751Kb / 14P
256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH ECC
IS61WV25616EDBLL-10TLI-TR ISSI-IS61WV25616EDBLL-10TLI-TR Datasheet
751Kb / 14P
256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH ECC
logo
Cypress Semiconductor
CY7S1061G CYPRESS-CY7S1061G Datasheet
1Mb / 23P
16-Mbit (1 M words 횞 16 bit) Static RAM with PowerSnooze??and ECC
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com