Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CYRS1069G Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # CYRS1069G
Description  16-Mb Static RAM with ECC and RADSTOP™ technology
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CYRS1069G Datasheet(HTML) 1 Page - Infineon Technologies AG

  CYRS1069G Datasheet HTML 1Page - Infineon Technologies AG CYRS1069G Datasheet HTML 2Page - Infineon Technologies AG CYRS1069G Datasheet HTML 3Page - Infineon Technologies AG CYRS1069G Datasheet HTML 4Page - Infineon Technologies AG CYRS1069G Datasheet HTML 5Page - Infineon Technologies AG CYRS1069G Datasheet HTML 6Page - Infineon Technologies AG CYRS1069G Datasheet HTML 7Page - Infineon Technologies AG CYRS1069G Datasheet HTML 8Page - Infineon Technologies AG CYRS1069G Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
Datasheet
Please read the Important Notice and Warnings at the end of this document
002-34202 Rev. *B
www.infineon.com
page 1
2023-11-06
CYRS1069G
16-Mb Static RAM with ECC and RADSTOP™
technology
2M × 8
Radiation performance
•Radiation data
-Total dose =200 Krad
- Embedded error-correcting code (ECC) for single-bit error correction[1, 2]
- Soft error rate (both heavy ion and proton) Heavy ions  1× 10-10 upsets/bit-day
- Neutron = 1.5 × 1011 N/cm2
-Dose rate:
•> 3.0 × 108 (rad(Si)/s) (R/W)
•> 2.0 × 109 (rad(Si)/s) (Static)
- Latch up immunity > 60 MeV.cm2/mg (95°C)
•Processing flows
- V Grade - Class V flow in compliance with MIL-PRF 38535
• Prototyping options
- CYPT1069G prototype units with same functional and timing as flight units using non-radiation hardened die
in a 36-pin ceramic flat package
Features
• Temperature ranges
- Military/Space: –55°C to 125°C
•High speed
-tAA = 10 ns
•Low active power
-ICC = 90 mA at 10 ns (typical)
• Low CMOS standby power
-ISB2 = 20 mA (typical)
•1.0 V data retention
• Automatic power-down when deselected
• Transistor-transistor logic (TTL) compatible inputs and outputs
• Easy memory expansion with CE and OE features
• Available in Gold plated lead 36-pin ceramic flat package
Notes
1. This device does not support automatic write-back on error detection.
2. SER FIT Rate < 0.1 FIT/Mb. Refer AN88889 or details.


Similar Part No. - CYRS1069G

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYRS1049DV33 CYPRESS-CYRS1049DV33 Datasheet
1Mb / 16P
4-Mbit (512 K 횞 8) Static RAM
More results

Similar Description - CYRS1069G

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62147DV18 CYPRESS-CY62147DV18 Datasheet
734Kb / 11P
4-Mb (256K x 16) Static RAM
CY62127DV30 CYPRESS-CY62127DV30 Datasheet
384Kb / 12P
1 Mb (64K x 16) Static RAM
CY62167DV20 CYPRESS-CY62167DV20 Datasheet
247Kb / 10P
16-Mb (1024K x 16) Static RAM
CY62127DV30 CYPRESS-CY62127DV30_06 Datasheet
549Kb / 11P
1-Mb (64K x 16) Static RAM
CY62127DV18 CYPRESS-CY62127DV18_05 Datasheet
223Kb / 11P
1 Mb (64K x 16) Static RAM
CY62127DV30 CYPRESS-CY62127DV30_09 Datasheet
554Kb / 11P
1-Mb (64K x 16) Static RAM
logo
Integrated Silicon Solu...
IS61WV6416EEBLL ISSI-IS61WV6416EEBLL Datasheet
943Kb / 15P
64K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH ECC
S61WV25616EDBLL ISSI-S61WV25616EDBLL Datasheet
751Kb / 14P
256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH ECC
IS61WV25616EDBLL-10TLI-TR ISSI-IS61WV25616EDBLL-10TLI-TR Datasheet
751Kb / 14P
256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH ECC
logo
Cypress Semiconductor
CY7S1061G CYPRESS-CY7S1061G Datasheet
1Mb / 23P
16-Mbit (1 M words 횞 16 bit) Static RAM with PowerSnooze??and ECC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com