Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CYRS1069G Datasheet(PDF) 20 Page - Infineon Technologies AG

Part # CYRS1069G
Description  16-Mb Static RAM with ECC and RADSTOP™ technology
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CYRS1069G Datasheet(HTML) 20 Page - Infineon Technologies AG

Back Button CYRS1069G Datasheet HTML 16Page - Infineon Technologies AG CYRS1069G Datasheet HTML 17Page - Infineon Technologies AG CYRS1069G Datasheet HTML 18Page - Infineon Technologies AG CYRS1069G Datasheet HTML 19Page - Infineon Technologies AG CYRS1069G Datasheet HTML 20Page - Infineon Technologies AG CYRS1069G Datasheet HTML 21Page - Infineon Technologies AG CYRS1069G Datasheet HTML 22Page - Infineon Technologies AG CYRS1069G Datasheet HTML 23Page - Infineon Technologies AG CYRS1069G Datasheet HTML 24Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 25 page
background image
Datasheet
20
002-34202 Rev. *B
2023-11-06
16-Mb Static RAM with ECC and RADSTOP™ technology
2M × 8
Package diagram
15
Package diagram
Figure 9
36-lead ceramic flat pack (23.37 × 12.19 × 2.95 mm) F36/FZ36 package outline (CG-FP-36),
001-67583
TOP VIEW
SIDE VIEW
NOTES:
1. ALL DIMENSIONS ARE IN MILLIMETERS.
E2
L
L
E3
E3
Pin 1 identification area
e
b
36 PL
1
18
19
36
Q
S1
4 PL
D
A
A
B
0.010 M H A-B D
0.036 M H A-B D
e/2
E
C
H
D
c
e
L
Q
S1
DIMENSIONS
E3
E
E2
D
A
SYMBOL
NOM
23.12
MIN
b
0.38
c
0.08
0.64
11.99
9.78
1.27 BSC
8.89
2.95
MAX
23.62
0.48
0.18
13.08
10.04
10.64
-
12.19
23.37
-
-
-
2. ALL EXPOSED METAL AND METALIZED AREAS SHALL
BE GOLD PLATED PER MIL-PRF-38535.
3. LEAD FINISH IS IN ACCORDANCE WITH MIL-PRF-38535.
4. PACKAGE MATERIAL: OPAQUE 90% MINIMUM ALUMINA
CERAMIC.
-
-
-
1.52 BSC
-
0.68 BSC
001-67583 *E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com