Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CYRS1069G Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # CYRS1069G
Description  16-Mb Static RAM with ECC and RADSTOP™ technology
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CYRS1069G Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button CYRS1069G Datasheet HTML 9Page - Infineon Technologies AG CYRS1069G Datasheet HTML 10Page - Infineon Technologies AG CYRS1069G Datasheet HTML 11Page - Infineon Technologies AG CYRS1069G Datasheet HTML 12Page - Infineon Technologies AG CYRS1069G Datasheet HTML 13Page - Infineon Technologies AG CYRS1069G Datasheet HTML 14Page - Infineon Technologies AG CYRS1069G Datasheet HTML 15Page - Infineon Technologies AG CYRS1069G Datasheet HTML 16Page - Infineon Technologies AG CYRS1069G Datasheet HTML 17Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
Datasheet
13
002-34202 Rev. *B
2023-11-06
16-Mb Static RAM with ECC and RADSTOP™ technology
2M × 8
Data retention
10
Data retention
10.1
Data retention characteristics
10.2
Data retention waveform
Figure 3
Data retention waveform
Table 7
Data retention characteristics
Over the operating range
Parameter
Description
Conditions
Min
Max
Unit
VDR
VCCfordataretention
–
1.0
–
V
ICCDR
Data retention current
VCC=VDR,CE>VCC – 0.2 V,
VIN > VCC – 0.2 V or VIN < 0.2 V
–
50.0
mA
tCDR[8]
Chip deselect to data
retention time
–0
–
ns
tR[8, 9]
Operation recovery time
VCC > 2.2 V
10.0
–
ns
VCC < 2.2 V
12.0
–
ns
tCDR
tR
VDR = 1.0 V
DATA RETENTION MODE
VCC(min)
VCC(min)
VCC
CE
Notes
8. Tested initially and after any design or process changes that may affect these parameters.
9. Full device operation requires linear VCC ramp from VDR to VCC(min.) >100s or stable at VCC(min.) >100s.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com