Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S28HS01GT Datasheet (PDF) - Infineon Technologies AG

S28HS01GT Datasheet PDF - Infineon Technologies AG
Part # S28HS01GT
Download  S28HS01GT Download
File Size   1613.39 Kbytes
Page   180 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description S512Mb/1Gb SEMPER™ Flash Octal interface, 1.8V/3.0V

S28HS01GT Datasheet (PDF)

Go To PDF Page Download Datasheet
S28HS01GT Datasheet PDF - Infineon Technologies AG

Part # S28HS01GT
Download  S28HS01GT Click to download

File Size   1613.39 Kbytes
Page   180 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description S512Mb/1Gb SEMPER™ Flash Octal interface, 1.8V/3.0V

S28HS01GT Datasheet (HTML) - Infineon Technologies AG


S28HS01GT Product details

Features
• Infineon 45-nm MIRRORBIT™ technology that stores two data bits in each memory array cell
• Sector architecture options
- Uniform: Address space consists of all 256KB sectors
- Hybrid:
• Configuration 1 - Address space consists of thirty-two 4 KB sectors grouped either on the top or the bottom
while the remaining sectors are all 256KB
• Configuration 2 - Address space consists of thirty-two 4 KB sectors equally split between top and bottom
while the remaining sectors are all 256KB
• Page programming buffer of 256 or 512 bytes
• OTP secure silicon array of 1024 bytes (32  32 bytes)
• Octal interface (8S-8S-8S, 8D-8D-8D)
- JEDEC eXpanded serial peripheral interface (SPI) (JESD251) compliant
- SDR option runs up to 200-MBps (200 MHz clock speed)
- DDR option runs up to 400-MBps (200 MHz clock speed)
- Supports data strobe (DS) to simplify the read data capture in high-speed systems
• Functional safety features
- Functional safety ISO26262 ASIL B compliant and ASIL D ready
- Infineon Endurance Flex architecture provides high-endurance and long retention partitions
- Interface CRC detects errors on communication interface between host controller and SEMPER™ Flash device
- Data integrity CRC detects errors in memory array
- SafeBoot reports device initialization failures, detects configuration corruption and provides recovery options
- Built-in error correcting code (ECC) corrects single-bit error and detects double-bit error (SECDED) on memory
array data
- Sector erase status indicator for power loss during erase
• Protection features
- Legacy block protection (LBP) for memory array and device configuration
- Advanced sector protection (ASP) for individual memory array sector based protection
• AutoBoot enables immediate access to the memory array following power-on
• Hardware reset through CS# signaling method (JEDEC) OR individual RESET# pin
• Serial flash discoverable parameters (SFDP) describing device functions and features
• Device identification, manufacturer identification and unique identification
• Data integrity
- 512 Mb devices
• Min. 1,280,000 program-erase cycles for the main array
- 1 Gb devices
• Min. 2,560,000 program-erase cycles for the main array
- All devices
• Min. 300,000 program-erase cycles for the 4 KB sectors
• Minimum 25 years data retention
• Supply voltage
- 1.7 V to 2.0 V (HS-T)
- 2.7 V to 3.6 V (HL-T)
• Grade / temperature range
- Industrial (–40°C to +85°C)
- Industrial plus (–40°C to +105°C)
- Automotive AEC-Q100 grade 3 (–40°C to +85°C)
- Automotive AEC-Q100 grade 2 (–40°C to +105°C)
- Automotive AEC-Q100 grade 1 (–40°C to +125°C)
• Packages
- 512 Mb: 24-ball BGA 6  8 mm
- 1Gb: 24-ball BGA 8  8 mm




Similar Part No. - S28HS01GT

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
S28HS01GT INFINEON-S28HS01GT Datasheet
1Mb / 138P
S256Mb/512Mb/1Gb SEMPER??Flash Octal interface, 1.8V/3.0V
002-18216 Rev. *W
S28HS01GT INFINEON-S28HS01GT Datasheet
1Mb / 180P
S512Mb/1Gb SEMPER™ Flash Octal interface, 1.8V/3.0V
Rev. AB 2024-05-13
S28HS01GT INFINEON-S28HS01GT Datasheet
1Mb / 156P
Octal interface, 1.8V/3.0V
2023-08-09
S28HS01GTFPBHA03 INFINEON-S28HS01GTFPBHA03 Datasheet
1Mb / 138P
S256Mb/512Mb/1Gb SEMPER??Flash Octal interface, 1.8V/3.0V
002-18216 Rev. *W
S28HS01GTFPBHA03X INFINEON-S28HS01GTFPBHA03X Datasheet
1Mb / 180P
S512Mb/1Gb SEMPER™ Flash Octal interface, 1.8V/3.0V
Rev. AB 2024-05-13
More results


Similar Description - S28HS01GT

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K9F1G08Q0M-YCB0 SAMSUNG-K9F1G08Q0M-YCB0 Datasheet
713Kb / 38P
1Gb Gb 1.8V NAND Flash Errata
logo
Elite Semiconductor Mem...
F59D8G81XB ESMT-F59D8G81XB Datasheet
2Mb / 84P
8 Gbit (1Gb x 8) 1.8V NAND Flash Memory
logo
KIOXIA Corporation
TC58CYG0S3HRAIG KIOXIA-TC58CYG0S3HRAIG Datasheet
2Mb / 43P
1Gb 1.8V Serial Interface NAND
TC58CYG0S3HRAIJ KIOXIA-TC58CYG0S3HRAIJ Datasheet
1Mb / 49P
1Gb 1.8V Serial Interface NAND
logo
Infineon Technologies A...
S26HS02GT INFINEON-S26HS02GT Datasheet
214Kb / 13P
2Gb/4Gb SEMPER??Flash HYPERBUS??interface, 1.8V/3.0V
002-34696 Rev. **
S26HS256T INFINEON-S26HS256T Datasheet
1Mb / 166P
256Mb/512Mb/1Gb SEMPER??Flash HYPERBUS??interface, 1.8V/3.0V
002-12337 Rev. *Y
S28HS02GT INFINEON-S28HS02GT Datasheet
164Kb / 12P
2Gb/4Gb SEMPER??Flash Octal interface, 1.8V/3.0V
002-34695 Rev. **
S28HS256T INFINEON-S28HS256T Datasheet
1Mb / 138P
S256Mb/512Mb/1Gb SEMPER??Flash Octal interface, 1.8V/3.0V
002-18216 Rev. *W
S76HS512TC0 INFINEON-S76HS512TC0 Datasheet
218Kb / 16P
512Mb SEMPER™ Flash and 64Mb HYPERRAM™ 2.0 HYPERBUS™ interface, multi-chip package, 1.8 V/3.0 V
Rev. B 2022-09-21
S25FS256T INFINEON-S25FS256T Datasheet
969Kb / 91P
256Mb SEMPER™ Nano Flash
Rev. L 2022-12-21
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com