Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADH8412S-CSL Datasheet (PDF) - Analog Devices

ADH8412S-CSL Datasheet PDF - Analog Devices
Part # ADH8412S-CSL
Download  ADH8412S-CSL Download
File Size   271.59 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Noise Amplifier, 0.4 GHz to 11 GHz

ADH8412S-CSL Datasheet (PDF)

Go To PDF Page Download Datasheet
ADH8412S-CSL Datasheet PDF - Analog Devices

Part # ADH8412S-CSL
Download  ADH8412S-CSL Click to download

File Size   271.59 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Noise Amplifier, 0.4 GHz to 11 GHz

ADH8412S-CSL Datasheet (HTML) - Analog Devices


ADH8412S-CSL Product details

FEATURES
► Low noise figure: 1.4 dB typical at 0.4 GHz to 3 GHz
► Single positive supply (self biased)
► High gain: ≤15.5 dB typical
► High OIP3: ≤33 dBm typical
► RoHS compliant, 2 mm × 2 mm, 6-lead LFCSP
COMMERCIAL SPACE FEATURES
► Supports aerospace applications
► Wafer diffusion lot traceability
► Radiation monitor
► Total ionizing dose (TID)
► Outgassing characterization
APPLICATIONS
► Low and medium Earth orbit (LEO/MEO) satellites
► Avionics
► Test instrumentation
► Telecommunications
► Military radar and communication
► Electronic warfare
► Aerospace




Similar Part No. - ADH8412S-CSL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADH8411S-CSL AD-ADH8411S-CSL Datasheet
737Kb / 12P
0.01 GHz to 10 GHz Low Noise Amplifier
Rev. 0
ADH8411TCPZ-CSL-PT AD-ADH8411TCPZ-CSL-PT Datasheet
737Kb / 12P
0.01 GHz to 10 GHz Low Noise Amplifier
Rev. 0
More results


Similar Description - ADH8412S-CSL

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY65047-360LF SKYWORKS-SKY65047-360LF Datasheet
857Kb / 14P
0.4-3.0 GHz Low Noise Amplifier
logo
Custom MMIC Design Serv...
CMD186P3 MMIC-CMD186P3 Datasheet
244Kb / 10P
6-11 GHz Low Noise Amplifier
CMD263P3 MMIC-CMD263P3 Datasheet
244Kb / 10P
5-11 GHz Low Noise Amplifier
CMD309P4 MMIC-CMD309P4 Datasheet
248Kb / 12P
5-11 GHz Low Noise Amplifier
logo
Analog Devices
HMC8412 AD-HMC8412 Datasheet
430Kb / 18P
Low Noise Amplifier, 0.4 GHz to 11 GHz
5/2020-Revision 0
ADL8104 AD-ADL8104 Datasheet
617Kb / 23P
Wideband, High Linearity, Low Noise Amplifier, 0.4 GHz to 7.5 GHz
9/2020-Revision 0
HMC8412CHIPS AD-HMC8412CHIPS Datasheet
485Kb / 21P
Low Noise Amplifier, 0.4 GHz to 10 GHz
8/2020-Revision 0
logo
Qorvo, Inc
CMD271P3 QORVO-CMD271P3 Datasheet
251Kb / 12P
6-11 GHz Low Noise Amplifier
CMD309P4 QORVO-CMD309P4 Datasheet
372Kb / 13P
5-11 GHz Low Noise Amplifier
CMD263P3 QORVO-CMD263P3 Datasheet
355Kb / 11P
5-11 GHz Low Noise Amplifier
November 4, 2021
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com