Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADH8411S-CSL Datasheet (PDF) - Analog Devices

ADH8411S-CSL Datasheet PDF - Analog Devices
Part # ADH8411S-CSL
Download  ADH8411S-CSL Download
File Size   737.3 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 0.01 GHz to 10 GHz Low Noise Amplifier

ADH8411S-CSL Datasheet (PDF)

Go To PDF Page Download Datasheet
ADH8411S-CSL Datasheet PDF - Analog Devices

Part # ADH8411S-CSL
Download  ADH8411S-CSL Click to download

File Size   737.3 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 0.01 GHz to 10 GHz Low Noise Amplifier

ADH8411S-CSL Datasheet (HTML) - Analog Devices


ADH8411S-CSL Product details

FEATURES
► Low noise figure: 1.7 dB typical
► Single positive supply (self biased)
► High gain: 15.5 dB typical
► High OIP3: 34 dBm typical
► 6-lead, 2 mm × 2 mm LFCSP
COMMERCIAL SPACE FEATURES
► Support aerospace applications
► Wafer diffusion lot traceability
► Radiation lot acceptance test: TID
► Radiation benchmark
► No SEL occurs at effective linear energy transfer (LET): ≤ 62.4
MeV-cm2/mg
APPLICATIONS
► Low earth orbit (LEO) satellites
► Military communications




Similar Part No. - ADH8411S-CSL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADH8412S-CSL AD-ADH8412S-CSL Datasheet
271Kb / 8P
Low Noise Amplifier, 0.4 GHz to 11 GHz
Rev. 0
ADH8412TCPZ-PT-CSL AD-ADH8412TCPZ-PT-CSL Datasheet
271Kb / 8P
Low Noise Amplifier, 0.4 GHz to 11 GHz
Rev. 0
ADH8412TCPZ-R7-CSL AD-ADH8412TCPZ-R7-CSL Datasheet
271Kb / 8P
Low Noise Amplifier, 0.4 GHz to 11 GHz
Rev. 0
More results


Similar Description - ADH8411S-CSL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC8411LP2FE AD-HMC8411LP2FE Datasheet
575Kb / 23P
Low Noise Amplifier, 0.01 GHz to 10 GHz
5/2019-Rev. 0 to Rev. A
logo
Custom MMIC Design Serv...
CMD167 MMIC-CMD167 Datasheet
214Kb / 9P
10-17 GHz Low Noise Amplifier
CMD189P3 MMIC-CMD189P3 Datasheet
243Kb / 10P
10-14 GHz Low Noise Amplifier
logo
Analog Devices
HMC8412 AD-HMC8412 Datasheet
430Kb / 18P
Low Noise Amplifier, 0.4 GHz to 11 GHz
5/2020-Revision 0
ADL9005 AD-ADL9005 Datasheet
616Kb / 24P
Wideband, Low Noise Amplifier, Single Positive Supply, 0.01 GHz to 26.5 GHz
2/2021-Revision 0
logo
Marki Microwave
APM-7099SM MARKIMICROWAVE-APM-7099SM Datasheet
1Mb / 13P
0.01-20 GHz Surface Mount Low Phase Noise Amplifier
logo
Analog Devices
HMC8412CHIPS AD-HMC8412CHIPS Datasheet
485Kb / 21P
Low Noise Amplifier, 0.4 GHz to 10 GHz
8/2020-Revision 0
HMC8413 AD-HMC8413 Datasheet
621Kb / 21P
Low Noise Amplifier, 0.01 GHz to 9 GHz
10/2021-Revision 0
ADL8100 AD-ADL8100 Datasheet
1Mb / 27P
GaAs, pHEMT, MMIC, Low Noise Amplifier, 0.01 GHz to 20 GHz
Rev. 0
HMC8414 AD-HMC8414 Datasheet
3Mb / 34P
Low Noise Amplifier with Bypass Switch 0.1 GHz to 10 GHz
Rev. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com