Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC374E Datasheet (PDF) - Analog Devices

HMC374E Datasheet PDF - Analog Devices
Part # HMC374E
Download  HMC374E Download
File Size   323.24 Kbytes
Page   6 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description SMT PHEMT LOW NOISE AMPLIFIER, 0.3 - 3.0 GHz

HMC374E Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC374E Datasheet PDF - Analog Devices

Part # HMC374E
Download  HMC374E Click to download

File Size   323.24 Kbytes
Page   6 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description SMT PHEMT LOW NOISE AMPLIFIER, 0.3 - 3.0 GHz

HMC374E Datasheet (HTML) - Analog Devices


HMC374E Product details

Features
Single Supply: Vdd = +2.75 to +5.5V
Low Noise Figure: 1.5 dB
High Output IP3: +37 dBm
No External Matching Required
Typical Applications
The HMC374 / HMC374E is ideal for:
• Cellular/PCS/3G
• WCS, MMDS & ISM
• Fixed Wireless & WLAN
• Private Land Mobile Radio




Similar Part No. - HMC374E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC374E HITTITE-HMC374E Datasheet
219Kb / 6P
SMT PHEMT LOW NOISE AMPLIFIER, 0.3 - 3.0 GHz
More results


Similar Description - HMC374E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC516LC5 HITTITE-HMC516LC5 Datasheet
245Kb / 6P
SMT PHEMT LOW NOISE AMPLIFIER, 9 - 18 GHz
HMC374 HITTITE-HMC374 Datasheet
249Kb / 6P
SMT PHEMT LOW NOISE AMPLIFIER, 0.3 - 3.0 GHz
HMC517LC4 HITTITE-HMC517LC4 Datasheet
314Kb / 6P
SMT PHEMT LOW NOISE AMPLIFIER, 17 - 26 GHz
HMC751LC4 HITTITE-HMC751LC4 Datasheet
229Kb / 6P
SMT PHEMT LOW NOISE AMPLIFIER, 17 - 27 GHz
HMC751LC4 HITTITE-HMC751LC4_09 Datasheet
229Kb / 6P
SMT PHEMT LOW NOISE AMPLIFIER, 17 - 27 GHz
HMC374 HITTITE-HMC374_09 Datasheet
219Kb / 6P
SMT PHEMT LOW NOISE AMPLIFIER, 0.3 - 3.0 GHz
HMC516LC5 HITTITE-HMC516LC5_09 Datasheet
219Kb / 6P
SMT PHEMT LOW NOISE AMPLIFIER, 9 - 18 GHz
HMC517LC4 HITTITE-HMC517LC4_09 Datasheet
228Kb / 6P
SMT PHEMT LOW NOISE AMPLIFIER, 17 - 26 GHz
HMC751LC4 HITTITE-HMC751LC4_10 Datasheet
895Kb / 6P
SMT pHEMT LOW NOISE AMPLIFIER, 17 - 27 GHz
logo
Analog Devices
HMC751LC4 AD-HMC751LC4 Datasheet
352Kb / 6P
SMT pHEMT LOW NOISE AMPLIFIER,
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com