Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX2235 Datasheet (PDF) - Analog Devices

MAX2235 Datasheet PDF - Analog Devices
Part # MAX2235
Download  MAX2235 Download
File Size   1087.39 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 3.6V, 1W Autoramping Power Amplifier for 900MHz Applications

MAX2235 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX2235 Datasheet PDF - Analog Devices

Part # MAX2235
Download  MAX2235 Click to download

File Size   1087.39 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 3.6V, 1W Autoramping Power Amplifier for 900MHz Applications

MAX2235 Datasheet (HTML) - Analog Devices


MAX2235 Product details

Features
● 800MHz to 1000MHz Operation
● High Output Power at 836MHz
• +32.5dBm at +5.0V
• +30dBm at +3.6V
• +29dBm at +3.0V
• +28dBm at +2.7V
● +2.7V to +5.5V Single-Supply Operation
● Automatic Power-Up/Power-Down Ramp
● Direct On/Off Keying (OOK) without Intersymbol
Interference or VCO Pulling
● 37dB Power-Control Range
● 47% Efficiency
● <1μA Supply Current in Shutdown Mode
● Small 20-Pin TSSOP Package with Heat Slug
Applications
● 900MHz ISM-Band Applications
● Two-Way Pagers
● Analog Cellular Phones
● Microcellular GSM (Power Class 5)
● Wireless Data Networks




Similar Part No. - MAX2235

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2235 MAXIM-MAX2235 Datasheet
149Kb / 8P
3.6V, 1W Autoramping Power Amplifier for 900MHz Applications
19-1463; Rev 0; 5/99
MAX2235 MAXIM-MAX2235 Datasheet
160Kb / 4P
Evaluation Kit
Rev 2; 10/00
MAX2235EUP MAXIM-MAX2235EUP Datasheet
149Kb / 8P
3.6V, 1W Autoramping Power Amplifier for 900MHz Applications
19-1463; Rev 0; 5/99
MAX2235EVKIT MAXIM-MAX2235EVKIT Datasheet
160Kb / 4P
Evaluation Kit
Rev 2; 10/00
MAX2235 MAXIM-MAX2235_1 Datasheet
160Kb / 4P
Evaluation Kit
Rev 2; 10/00
More results


Similar Description - MAX2235

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2192 RFMD-RF2192 Datasheet
131Kb / 8P
3V 900MHZ LINEAR POWER AMPLIFIER
logo
Maxim Integrated Produc...
MAX2235 MAXIM-MAX2235 Datasheet
149Kb / 8P
3.6V, 1W Autoramping Power Amplifier for 900MHz Applications
19-1463; Rev 0; 5/99
MAX2601 MAXIM-MAX2601 Datasheet
47Kb / 6P
3.6V, 1W RF Power Transistors for 900MHz Applications
19-1185; Rev 2; 5/97
logo
RF Micro Devices
RF6100-1 RFMD-RF6100-1 Datasheet
67Kb / 6P
3V 900MHZ LINEAR POWER AMPLIFIER MODULE
logo
Intersil Corporation
ISL59441 INTERSIL-ISL59441 Datasheet
571Kb / 12P
900MHz Multiplexing Amplifier
September 21, 2005
logo
RF Micro Devices
RF2192 RFMD-RF2192_06 Datasheet
174Kb / 10P
3V 900MHz LINEAR POWER AMPLIFIER
RF6100-1 RFMD-RF6100-1_1 Datasheet
165Kb / 8P
3V 900MHZ LINEAR POWER AMPLIFIER MODULE
RF2192 RFMD-RF2192_1 Datasheet
282Kb / 12P
3V 900MHz LINEAR POWER AMPLIFIER
logo
Maxim Integrated Produc...
MAX2601 MAXIM-MAX2601_08 Datasheet
93Kb / 6P
3.6V, 1W RF Power Transistors for 900MHz Applications
Rev 3; 9/08
logo
eleflow technologies co...
2SK3078 ELEFLOW-2SK3078 Datasheet
73Kb / 1P
900MHz band amplifier applications.(GSM)
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com