Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX2235 Datasheet (PDF) - Maxim Integrated Products

MAX2235 Datasheet PDF - Maxim Integrated Products
Part # MAX2235
Download  MAX2235 Download
File Size   149.59 Kbytes
Page   8 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 3.6V, 1W Autoramping Power Amplifier for 900MHz Applications

MAX2235 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX2235 Datasheet PDF - Maxim Integrated Products

Part # MAX2235
Download  MAX2235 Click to download

File Size   149.59 Kbytes
Page   8 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 3.6V, 1W Autoramping Power Amplifier for 900MHz Applications

MAX2235 Datasheet (HTML) - Maxim Integrated Products


MAX2235 Product details

General Description
The MAX2235 low-voltage, silicon RF power amplifier (PA) is designed for use in the 900MHz frequency band. It operates directly from a single +2.7V to +5.5V supply, making it suitable for use with 3-cell NiCd or 1-cell Li-Ion batteries. The device delivers +30dBm (1W) typical output power from a +3.6V supply or +28dBm from a +2.7V supply.

Features
♦ 800MHz to 1000MHz Operation
♦ High Output Power at 836MHz
    +32.5dBm at +5.0V
    +30dBm at +3.6V
    +29dBm at +3.0V
    +28dBm at +2.7V
♦ +2.7V to +5.5V Single-Supply Operation
♦ Automatic Power-Up/Power-Down Ramp
♦ Direct On/Off Keying (OOK) without Intersymbol Interference or VCO Pulling
♦ 37dB Power-Control Range
♦ 47% Efficiency
♦ <1µA Supply Current in Shutdown Mode
♦ Small 20-Pin TSSOP Package with Heat Slug

Applications
    900MHz ISM-Band Applications
    Two-Way Pagers
    Analog Cellular Phones
    Microcellular GSM (Power Class 5)
    Wireless Data Networks




Similar Part No. - MAX2235

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2235 MAXIM-MAX2235 Datasheet
160Kb / 4P
Evaluation Kit
Rev 2; 10/00
logo
Analog Devices
MAX2235 AD-MAX2235 Datasheet
1Mb / 8P
3.6V, 1W Autoramping Power Amplifier for 900MHz Applications
Rev 3; 8/21
MAX2235EUP AD-MAX2235EUP Datasheet
1Mb / 8P
3.6V, 1W Autoramping Power Amplifier for 900MHz Applications
Rev 3; 8/21
logo
Maxim Integrated Produc...
MAX2235EVKIT MAXIM-MAX2235EVKIT Datasheet
160Kb / 4P
Evaluation Kit
Rev 2; 10/00
MAX2235 MAXIM-MAX2235_1 Datasheet
160Kb / 4P
Evaluation Kit
Rev 2; 10/00
More results


Similar Description - MAX2235

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2192 RFMD-RF2192 Datasheet
131Kb / 8P
3V 900MHZ LINEAR POWER AMPLIFIER
logo
Maxim Integrated Produc...
MAX2601 MAXIM-MAX2601 Datasheet
47Kb / 6P
3.6V, 1W RF Power Transistors for 900MHz Applications
19-1185; Rev 2; 5/97
logo
RF Micro Devices
RF6100-1 RFMD-RF6100-1 Datasheet
67Kb / 6P
3V 900MHZ LINEAR POWER AMPLIFIER MODULE
logo
Intersil Corporation
ISL59441 INTERSIL-ISL59441 Datasheet
571Kb / 12P
900MHz Multiplexing Amplifier
September 21, 2005
logo
RF Micro Devices
RF2192 RFMD-RF2192_06 Datasheet
174Kb / 10P
3V 900MHz LINEAR POWER AMPLIFIER
RF6100-1 RFMD-RF6100-1_1 Datasheet
165Kb / 8P
3V 900MHZ LINEAR POWER AMPLIFIER MODULE
RF2192 RFMD-RF2192_1 Datasheet
282Kb / 12P
3V 900MHz LINEAR POWER AMPLIFIER
logo
Maxim Integrated Produc...
MAX2601 MAXIM-MAX2601_08 Datasheet
93Kb / 6P
3.6V, 1W RF Power Transistors for 900MHz Applications
Rev 3; 9/08
logo
RF Micro Devices
RF6509 RFMD-RF6509 Datasheet
857Kb / 12P
2.7V TO 3.6V MODULE FOR INTEGRATION WITH 900MHz SMART ENERGY AMI
logo
eleflow technologies co...
2SK3078 ELEFLOW-2SK3078 Datasheet
73Kb / 1P
900MHz band amplifier applications.(GSM)
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com