Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4376 Datasheet (PDF) - Analog Devices

LTC4376 Datasheet PDF - Analog Devices
Part # LTC4376
Download  LTC4376 Download
File Size   450.47 Kbytes
Page   18 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 28V, 2A Ideal Diode and Load Switch

LTC4376 Datasheet (PDF)

Go To PDF Page Download Datasheet
LTC4376 Datasheet PDF - Analog Devices

Part # LTC4376
Download  LTC4376 Click to download

File Size   450.47 Kbytes
Page   18 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 28V, 2A Ideal Diode and Load Switch

LTC4376 Datasheet (HTML) - Analog Devices


LTC4376 Product details

FEATURES
 Internal 200mΩ Power Path
 Wide Operating Voltage Range: 1.9V to 28V
 Reverse Current Protection
 Load Switch Capability
 Low 10μA Quiescent Current
 Fast 3μs Response to Load Steps
 Low 500nA Off State Current
 Smooth Switchover in Diode-OR Applications
 Integrated Thermal Protection
 10-Lead (3mm x 2mm x 0.75mm) LDFN Package
APPLICATIONS
 Schottky Diode Replacement
 Battery and Wall Adapter Diode ORing
 Backup Battery Diode ORing
 Industrial and Consumer Hand-Held Applications




Similar Part No. - LTC4376

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LTC4376 AD-LTC4376 Datasheet
465Kb / 16P
7A Ideal Diode with Reverse Input Protection
LTC4376 AD-LTC4376 Datasheet
1Mb / 20P
Low Quiescent Current Ideal Diode Controller
LTC4376 AD-LTC4376 Datasheet
879Kb / 29P
Floating, High-Voltage Active Rectifier Controller
Rev. 0
LTC4376CDHD#PBF AD-LTC4376CDHD#PBF Datasheet
465Kb / 16P
7A Ideal Diode with Reverse Input Protection
LTC4376HDHD#PBF AD-LTC4376HDHD#PBF Datasheet
465Kb / 16P
7A Ideal Diode with Reverse Input Protection
More results


Similar Description - LTC4376

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ1360 AOSMD-AOZ1360 Datasheet
938Kb / 12P
28V Programmable Current-Limited Load Switch
AOZ1360 AOSMD-AOZ1360_12 Datasheet
1Mb / 15P
28V Programmable Current-Limited Load Switch
AOZ1361DI AOSMD-AOZ1361DI Datasheet
828Kb / 12P
28V Programmable Current-Limited Load Switch
AOZ1361DI-01 AOSMD-AOZ1361DI-01 Datasheet
828Kb / 12P
28V Programmable Current-Limited Load Switch
logo
Unisonic Technologies
US205 UTC-US205_15 Datasheet
201Kb / 5P
2A SLEW RATE CONTROLLED LOAD SWITCH
logo
ON Semiconductor
NCP334 ONSEMI-NCP334_16 Datasheet
224Kb / 10P
2A Ultra-Small Controlled Load Switch
August, 2016 ??Rev. 2
NCP338 ONSEMI-NCP338_16 Datasheet
145Kb / 8P
2A Ultra-Small Controlled Load Switch
August, 2016 ??Rev. 3
NCP435 ONSEMI-NCP435 Datasheet
649Kb / 10P
2A Ultra-Small Controlled Load Switch
August, 2016 ??Rev. 5
logo
Alpha & Omega Semicondu...
AOZ1360DIL AOSMD-AOZ1360DIL Datasheet
1Mb / 16P
28V Programmable Current-Limited Load Switch
Rev. 2.0 January 2015
logo
Torex Semiconductor
XC8110 TOREX-XC8110 Datasheet
1Mb / 30P
Load switch IC with ideal diode function
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com