Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4376 Datasheet(PDF) 9 Page - Analog Devices

Part # LTC4376
Description  28V, 2A Ideal Diode and Load Switch
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4376 Datasheet(HTML) 9 Page - Analog Devices

Back Button LTC4376 Datasheet HTML 5Page - Analog Devices LTC4376 Datasheet HTML 6Page - Analog Devices LTC4376 Datasheet HTML 7Page - Analog Devices LTC4376 Datasheet HTML 8Page - Analog Devices LTC4376 Datasheet HTML 9Page - Analog Devices LTC4376 Datasheet HTML 10Page - Analog Devices LTC4376 Datasheet HTML 11Page - Analog Devices LTC4376 Datasheet HTML 12Page - Analog Devices LTC4376 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
Data Sheet
LT4423
analog.com
Rev. 0
9 of 18
STATUS is an open-drain output intended to indicate power path conditions. STATUS is designed for connection to
a power supply through a pull-up resistor. STATUS pulls low whenever the internal power path is disabled. STATUS
may pull low for the following reasons. First, driving SHDN low pulls STATUS low. Second, when the power path is
reverse biased (the OUT voltage exceeds the IN voltage by approximately 20mV), STATUS also pulls low. When the
power path is enabled, the STATUS pull-down is removed.
APPLICATIONS INFORMATION
The LT4423 is intended for power path control applications, including diode ORing of multiple power supplies, load
sharing between multiple batteries or power sources, automatic switch-over from a primary to an auxiliary power
source, charging of multiple batteries from a single charger, or acting as a high-side load switch.
USB PD 3.0 and Back-Up Battery Supply
The front-page schematic demonstrates the LT4423 in an application with USB PD (Power Delivery) 3.0 and a backup
lithium-ion battery cell. The input voltage from the USB 3.0 connector can range from 5V to 20V, all easily handled
by the LT4423. On the other hand, the single lithium-ion cell can be down at 3V to 3.6V, which is easily handled by the
LT4423. The application has a logic control signal on SHDN for the primary power path. When this signal switches
low, the primary power path from the USB is disabled, and the backup battery takes over the delivery of power to
the load. The common output automatically biases to the higher of the two input voltages.
The configuration of STATUS in this application allows the LED to indicate that the USB power path is active, ensuring
that the higher power consumption associated with the LED occurs when the USB power source is present. Even if
the USB power source is disconnected without a SHDN control signal coming first, the application seamlessly
switches to the backup power source. Note that the LED and STATUS functions are optional and easily removed for
simplicity by leaving STATUS open.
The LT4423 SHDN rising threshold is 1.6V (maximum). To obtain the fastest turn-on response time, it is
recommended that SHDN swing to at least the minimum device operating voltage of 1.9V for strong overdrive of the
SHDN
threshold. To obtain the fastest turn-off of the power path, pulling SHDN well below the minimum 1V
threshold (or close to GND) is also recommended. SHDN should never be left open. If logical on/off control is not
required, automatic turn-on is achieved by connecting SHDN to IN.
Automatic Power Path Control
The automatic switchover from a battery to a wall adapter or other power source is shown in Figure 13. Initially, with
only the battery applied, the load is powered purely through the LT4423 from the battery. If the wall adapter is
applied and is greater than the battery voltage, the OUT voltage rises above the IN voltage. The LT4423 senses this
increase, disables the IN to OUT connection, and electrically isolates the battery from the power path. Now, only the
wall adapter powers the load, and the battery remains protected.
With STATUS connected, as shown in Figure 13, the LED indicator turns on with the wall adapter present. When the
wall adapter is not present and the battery powers the load, STATUS pulls high, and the LED indicator turns off. This
configuration allows the higher power consumption of the LED to be supplied by the wall adapter when it is
connected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com