Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4376 Datasheet(PDF) 15 Page - Analog Devices

Part # LTC4376
Description  28V, 2A Ideal Diode and Load Switch
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4376 Datasheet(HTML) 15 Page - Analog Devices

Back Button LTC4376 Datasheet HTML 10Page - Analog Devices LTC4376 Datasheet HTML 11Page - Analog Devices LTC4376 Datasheet HTML 12Page - Analog Devices LTC4376 Datasheet HTML 13Page - Analog Devices LTC4376 Datasheet HTML 14Page - Analog Devices LTC4376 Datasheet HTML 15Page - Analog Devices LTC4376 Datasheet HTML 16Page - Analog Devices LTC4376 Datasheet HTML 17Page - Analog Devices LTC4376 Datasheet HTML 18Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
Data Sheet
LT4423
analog.com
Rev. 0
15 of 18
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LTC4411
2.6A Ideal Diode, Internal N-Channel
MOSFET
2.6V to 5.5V Operation
LTC4413
2.6A Dual Ideal Diode, Internal P-Channel
MOSFET
1.7V to 5.5V Operation
LTC4415
4A Dual Ideal Diode, Internal P-Channel
MOSFET
2.6V to 5.5V Operation
LT4422
4A Ideal Diode, Internal P-Channel
MOSFET
1.9V to 28V Operation, Low Quiescent Current,
Low Leakage
LTC4358
5A Ideal Diode, Internal N-Channel
MOSFET
9V to 26.5V Operation, Reverse Input Protection
LTC4376
7A Ideal Diode, Internal N-Channel
MOSFET
4V to 40V Operation, Reverse Input Protection
LTC4352
Low Voltage Ideal Diode Controller with
Monitoring
Controls N-Channel MOSFET, 0V to 18V
Operation
LTC4359
Ideal Diode Controller With Reverse Input
Protection
4V to 80V Operation, -40V Input Protection,
150µA IQ
LTC4370
Two-Supply Diode-Or Current Balancing
Controller
Simple Redundant Supply Current Sharing, 0V to
18V Operation
LTC4353
Dual Low Voltage Ideal Diode Controller
Controls Two N-Channel MOSFETs, 0V to 18V
Operation
LTC4371
Dual Negative Voltage Ideal Diode-Or
Controller and Monitor
Controls Two MOSFETs, 220ns Turn-Off,
Withstands > ±300V Transients
LTC4355
Positive High Voltage Ideal Diode-Or with
Input Supply And Fuse Monitors
Dual N-channel, 9V to 80V
LTC4417
Prioritized Powerpath Controller
2.5V to 36V Operation; Ext P-Channel MOSFET;
-42V Reverse Protection
LTC4418
Dual Channel Prioritized Powerpath
Controller
2.5V to 40V Operation; Ext P-Channel MOSFET;
-42V Reverse Protection
LTC4419
18V Dual Input Micropower Powerpath
Prioritizer
1.8V to 18V Operation; 0.5A Switches; Freshness
Seal
LTC4421
High Power Prioritized Powerpath
Controller
0V to 18V Operation, 60V Tolerant
LTC4450
18V, 12A Ideal Diode
Internal N-Channel MOSFET
LTC4451
40V, 7A Ideal Diode
Internal N-Channel MOSFET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com