Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1150808 Datasheet (PDF) - PHOENIX CONTACT

1150808 Datasheet PDF - PHOENIX CONTACT
Part # 1150808
Download  1150808 Download
File Size   410.41 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description DMCC 0,5/ 1-ST-SHL 7,0-2,54 - PCB connector

1150808 Datasheet (PDF)

Go To PDF Page Download Datasheet
1150808 Datasheet PDF - PHOENIX CONTACT

Part # 1150808
Download  1150808 Click to download

File Size   410.41 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description DMCC 0,5/ 1-ST-SHL 7,0-2,54 - PCB connector

1150808 Datasheet (HTML) - PHOENIX CONTACT


1150808 Product details

PCB connector, nominal cross section: 0.34 mm2, color: black, nominal current: 5 A, rated
voltage (III/2): 160 V, contact surface: Au, contact connection type: Socket, number of rows: 2,
number of positions: 1, product range: DMCC 0,5/..-ST-SHL, pitch: 2.54 mm, connection
method: Crimp connection, conductor/PCB connection direction: 0 °, locking clip: - without
locking clip, plug-in system: COMBICON DFMC 0,5 lock & shielded, Electrical properties:
shielded, locking: shielded connection, mounting: Lock & Shield, type of packaging: packed in
cardboard

Your advantages
• Cost-effective connection of crimped conductors in large quantities
• Gold-plated contacts ensure transfer quality remains stable over the long term
• Contacts arranged in a double row enable high packing density in a compact area
• Tools for manual and automatic crimping available as an option




Similar Part No. - 1150808

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1150801 PHOENIX-1150801 Datasheet
346Kb / 9P
DMC 0,5/ 1-G1SHL-2,54P20THRR24 - PCB header
More results


Similar Description - 1150808

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1027605 PHOENIX-1027605 Datasheet
809Kb / 13P
DMCC 0,5/ 3-ST-2,54
1027606 PHOENIX-1027606 Datasheet
940Kb / 13P
DMCC 0,5/ 4-ST-2,54
1027608 PHOENIX-1027608 Datasheet
1Mb / 13P
DMCC 0,5/ 6-ST-2,54
1027609 PHOENIX-1027609 Datasheet
1Mb / 13P
DMCC 0,5/ 7-ST-2,54
1027613 PHOENIX-1027613 Datasheet
1Mb / 13P
DMCC 0,5/11-ST-2,54
1027616 PHOENIX-1027616 Datasheet
2Mb / 13P
DMCC 0,5/14-ST-2,54
1027618 PHOENIX-1027618 Datasheet
2Mb / 13P
DMCC 0,5/16-ST-2,54
1097555 PHOENIX-1097555 Datasheet
107Kb / 4P
DMCC 0,5/ 2-SHIELD 7,0-2,54 - Accessories
1128660 PHOENIX-1128660 Datasheet
349Kb / 14P
DMCC 0,5/ 2-ST-SH 7,0-2,54 - PCB connector
1145726 PHOENIX-1145726 Datasheet
552Kb / 14P
DMCC 0,5/ 4-ST-SHL 7,0-2,54 - PCB connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com