Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA732GQ Datasheet (PDF) - Monolithic Power Systems

MA732GQ Datasheet PDF - Monolithic Power Systems
Part # MA732GQ
Download  MA732GQ Download
File Size   994.39 Kbytes
Page   30 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 14-Bit, Digital, Contactless Angle Sensor with ABZ Incremental & PWM Outputs

MA732GQ Datasheet (PDF)

Go To PDF Page Download Datasheet
MA732GQ Datasheet PDF - Monolithic Power Systems

Part # MA732GQ
Download  MA732GQ Click to download

File Size   994.39 Kbytes
Page   30 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 14-Bit, Digital, Contactless Angle Sensor with ABZ Incremental & PWM Outputs

MA732GQ Datasheet (HTML) - Monolithic Power Systems


MA732GQ Product details

DESCRIPTION
The MA732 detects the absolute angular
position of a permanent magnet, typically a
diametrically magnetized cylinder on a rotating
shaft. Fast data acquisition and processing
provide accurate angle measurements at
speeds from 0rpm to 60,000rpm. The digital
filtering is adjustable to optimize control loop
performance when used in servo applications.
The MA732 supports a wide range of magnetic
field strengths and spatial configurations. Both
end-of-shaft and off-axis (side-shaft mounting)
configurations are supported.
The MA732 features magnetic field strength
detection with programmable thresholds to allow
sensing of the magnet position relative to the
sensor for creation of functions, such as the
sensing of axial movements or for diagnostics.
On-chip, non-volatile memory provides storage
for configuration parameters, including the
reference zero angle position, ABZ encoder
settings, and magnetic field detection
thresholds.

FEATURES
• 9-Bit to 14-Bit Resolution Absolute Angle
Encoder
• Contactless Sensing for Long Life
• SPI Serial Interface for Digital Angle
Readout and Chip Configuration
• Incremental 12-Bit ABZ Quadrature
Encoder Interface with Programmable
Pulses per Turn from 1 to 1024
• 14-Bit PWM Output
• Programmable Magnetic Field Strength
Detection for Diagnostic Checks
• 3.3V, 12mA Supply
• -40°C to +125°C Operating Temperature
• Available in a QFN-16 (3mmx3mm)
Package

APPLICATIONS
• General-Purpose Angle Measurements
• High-Resolution Angle Encoders
• Automotive Angle
• Robotics




Similar Part No. - MA732GQ

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MA732 MPS-MA732 Datasheet
994Kb / 30P
14-Bit, Digital, Contactless Angle Sensor with ABZ Incremental & PWM Outputs
Rev. 1.1
More results


Similar Description - MA732GQ

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AEAT-601B AVAGO-AEAT-601B Datasheet
262Kb / 5P
Incremental Magnetic Encoder Contactless sensing technology
logo
ASM GmbH
PRDS5 ASM-SENSOR-PRDS5 Datasheet
637Kb / 10P
Magnetic Angle Sensor with Incremental Output
logo
Monolithic Power System...
MA704 MPS-MA704 Datasheet
1Mb / 27P
10-Bit, Digital, Contactless Angle Sensor with ABZ Incremental & PWM Outputs
logo
Allegro MicroSystems
A1337 ALLEGRO-A1337 Datasheet
1Mb / 37P
Precision, Hall-Effect Angle Sensor IC with SPI, and SENT or PWM Outputs
A1338 ALLEGRO-A1338 Datasheet
1Mb / 33P
Precision, Hall-Effect Angle Sensor IC with SPI, and SENT or PWM Outputs
AAS33001 ALLEGRO-AAS33001 Datasheet
1Mb / 63P
Precision Angle Sensor IC with Incremental and Motor Commutation Outputs and On-Chip Linearization
AAS33051 ALLEGRO-AAS33051 Datasheet
1Mb / 76P
Precision Angle Sensor IC with Incremental and Motor Commutation Outputs and On-Chip Linearization
logo
ams AG
AS5047U AMSCO-AS5047U Datasheet
788Kb / 51P
14-Bit On-Axis Magnetic Rotary Position Sensor with Up to 14-Bit Binary Incremental Pulse Count
AS5047D AMSCO-AS5047D_V01 Datasheet
822Kb / 40P
14-Bit On-Axis Magnetic Rotary Position Sensor with 11-Bit Decimal and Binary Incremental Pulse Count
2016-Apr-27
logo
MPS Industries, Inc.
MAQ430 MPSIND-MAQ430 Datasheet
1Mb / 30P
12-Bit, Automotive Angle Sensor with ABZ & UVW Incremental Outputs
Rev. 1.2 8/8/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com