Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAQ430 Datasheet (PDF) - MPS Industries, Inc.

MAQ430 Datasheet PDF - MPS Industries, Inc.
Part # MAQ430
Download  MAQ430 Download
File Size   1590.35 Kbytes
Page   30 Pages
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.
Description 12-Bit, Automotive Angle Sensor with ABZ & UVW Incremental Outputs

MAQ430 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAQ430 Datasheet PDF - MPS Industries, Inc.

Part # MAQ430
Download  MAQ430 Click to download

File Size   1590.35 Kbytes
Page   30 Pages
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.
Description 12-Bit, Automotive Angle Sensor with ABZ & UVW Incremental Outputs

MAQ430 Datasheet (HTML) - MPS Industries, Inc.


MAQ430 Product details

DESCRIPTION
The MAQ430 detects the absolute angular
position of a permanent magnet, typically a
diametrically magnetized cylinder on a rotating
shaft. Fast data acquisition and processing
provide accurate angle measurement at speeds
from 0 to 60,000 rpm.
The MAQ430 supports a wide range of
magnetic field strengths and spatial
configurations. Both end-of-shaft and off-axis
(side-shaft mounting) configurations are
supported.
The MAQ430 features magnetic field strength
detection with programmable thresholds to
allow sensing of the magnet position relative to
the sensor for creation of functions such as
sensing of axial movements or for diagnostics.
On-chip non-volatile memory provides storage
for configuration parameters, including the
reference zero angle position, ABZ encoder
settings, UVW pole pair emulation settings, and
magnetic field detection thresholds.

FEATURES
 12-Bit Resolution Absolute Angle Encoder
 Contactless Sensing for Long Life
 AEC-Q100 qualified
 Simple and robust design
 SPI Serial Interface with parity bit for Angle
Readout and Chip Configuration
 Programmable Magnetic Field Strength
Detection for Diagnostic Checks
 Incremental 10-Bit ABZ Quadrature
Encoder Interface with Programmable
Pulses Per Turn from 1 to 256
 UVW Interface with 1 to 8 Pole Pair
Emulation
 3.3V, 12mA Supply
 -40°C to +150°C Operating Temperature
 Available in a QFN-16 (3mmx3mm)
Package with Wettable flanks

APPLICATIONS
 Brushless DC Motor Servo Drives
 Motor Commutation
 Motor Speed and Position Control
 Automotive




Similar Part No. - MAQ430

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MAQ4123 MICREL-MAQ4123 Datasheet
489Kb / 18P
Automotive AEC-Q100 Qualified Dual 3A Peak Low-Side MOSFET Driver
MAQ4123YME MICREL-MAQ4123YME Datasheet
489Kb / 18P
Automotive AEC-Q100 Qualified Dual 3A Peak Low-Side MOSFET Driver
MAQ4124YME MICREL-MAQ4124YME Datasheet
489Kb / 18P
Automotive AEC-Q100 Qualified Dual 3A Peak Low-Side MOSFET Driver
MAQ4125YME MICREL-MAQ4125YME Datasheet
489Kb / 18P
Automotive AEC-Q100 Qualified Dual 3A Peak Low-Side MOSFET Driver
logo
Monolithic Power System...
MAQ473 MPS-MAQ473 Datasheet
1Mb / 31P
9-Bit to 14-Bit, MagAlpha Automotive Angle Sensor with ABZ Incremental and PWM Outputs
5/12/2021 Rev. 1.0
More results


Similar Description - MAQ430

ManufacturerPart #DatasheetDescription
logo
ams AG
AS5163 AMSCO-AS5163 Datasheet
881Kb / 33P
12 BIT AUTOMOTIVE Angle Position Sensor
AS5163 AMSCO-AS5163_1 Datasheet
1Mb / 36P
12-Bit Automotive Angle Position Sensor
logo
List of Unclassifed Man...
AS5262 ETC2-AS5262 Datasheet
1Mb / 36P
12-Bit Magnetic Angle Position Sensor
logo
ams AG
AS5163 AMSCO-AS5163_04 Datasheet
2Mb / 37P
12-Bit Automotive Angle Position Sensor
AS5261 AMSCO-AS5261 Datasheet
1Mb / 33P
12-Bit Automotive Angle Position Sensor
AS5263 AMSCO-AS5263 Datasheet
2Mb / 38P
12-Bit Redundant Automotive Angle Position Sensor
logo
ASM GmbH
PRDS5 ASM-SENSOR-PRDS5 Datasheet
637Kb / 10P
Magnetic Angle Sensor with Incremental Output
logo
Monolithic Power System...
MA704 MPS-MA704 Datasheet
1Mb / 27P
10-Bit, Digital, Contactless Angle Sensor with ABZ Incremental & PWM Outputs
logo
Allegro MicroSystems
AAS33001 ALLEGRO-AAS33001 Datasheet
1Mb / 63P
Precision Angle Sensor IC with Incremental and Motor Commutation Outputs and On-Chip Linearization
AAS33051 ALLEGRO-AAS33051 Datasheet
1Mb / 76P
Precision Angle Sensor IC with Incremental and Motor Commutation Outputs and On-Chip Linearization
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com