Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAQ430 Datasheet(PDF) 6 Page - MPS Industries, Inc.

Part # MAQ430
Description  12-Bit, Automotive Angle Sensor with ABZ & UVW Incremental Outputs
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MAQ430 Datasheet(HTML) 6 Page - MPS Industries, Inc.

Back Button MAQ430 Datasheet HTML 2Page - MPS Industries, Inc. MAQ430 Datasheet HTML 3Page - MPS Industries, Inc. MAQ430 Datasheet HTML 4Page - MPS Industries, Inc. MAQ430 Datasheet HTML 5Page - MPS Industries, Inc. MAQ430 Datasheet HTML 6Page - MPS Industries, Inc. MAQ430 Datasheet HTML 7Page - MPS Industries, Inc. MAQ430 Datasheet HTML 8Page - MPS Industries, Inc. MAQ430 Datasheet HTML 9Page - MPS Industries, Inc. MAQ430 Datasheet HTML 10Page - MPS Industries, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
MAQ430 – 12-BIT, AUTOMOTIVE ANGLE SENSOR WITH ABZ & UVW OUTPUTS
MAQ430 Rev. 1.2
www.MonolithicPower.com
6
8/8/2022
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2022 MPS. All Rights Reserved.
GENERAL CHARACTERISTICS (continued)
VDD = 3.3V, 45mT < B < 100mT, Temp = -40°C to +125°C, unless otherwise noted.
Parameter
Symbol
Condition
Min
Typ
Max
Units
Magnetic Field Detection Thresholds
Accuracy (5)
5
mT
Hysteresis (5)
MagHys
6
mT
Temperature drift (5)
-600
ppm/°C
Digital I/O
Input high voltage
VIH
2.5
5.5
V
Input low voltage
VIL
-0.3
0.8
V
Output low voltage (5)
VOL
IOL = 4mA
0.4
V
Output high voltage (5)
VOH
IOH = 4mA
2.4
V
Pull-up resistor
RPU
46
66
97
kΩ
Pull-down resistor
RPD
43
55
97
k
Ω
Rising edge slew rate (4)
TR
CL = 50pF
0.7
V/ns
Falling edge slew rate (4)
TF
CL = 50pF
0.7
V/ns
NOTES:
4)
Guaranteed by design.
5)
Guaranteed by characteristic test.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com