Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAQ430 Datasheet(PDF) 24 Page - MPS Industries, Inc.

Part # MAQ430
Description  12-Bit, Automotive Angle Sensor with ABZ & UVW Incremental Outputs
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MAQ430 Datasheet(HTML) 24 Page - MPS Industries, Inc.

Back Button MAQ430 Datasheet HTML 20Page - MPS Industries, Inc. MAQ430 Datasheet HTML 21Page - MPS Industries, Inc. MAQ430 Datasheet HTML 22Page - MPS Industries, Inc. MAQ430 Datasheet HTML 23Page - MPS Industries, Inc. MAQ430 Datasheet HTML 24Page - MPS Industries, Inc. MAQ430 Datasheet HTML 25Page - MPS Industries, Inc. MAQ430 Datasheet HTML 26Page - MPS Industries, Inc. MAQ430 Datasheet HTML 27Page - MPS Industries, Inc. MAQ430 Datasheet HTML 28Page - MPS Industries, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 30 page
background image
MAQ430 – 12-BIT, AUTOMOTIVE ANGLE SENSOR WITH ABZ & UVW OUTPUTS
MAQ430 Rev. 1.2
www.MonolithicPower.com
24
8/8/2022
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2022 MPS. All Rights Reserved.
Table 17: Register 4 and Register 5
B7
B6
B5
B4
B3
B2
B1
B0
R4
1
1
0
0
0
0
0
0
R5
0
0
0
1
1
1
0
1
Figure 22: Timing of the ABZ Output
Signal Z (zero or index) raises only once per
turn at the zero-angle position.
The position and length of the Z pulse is
programmable via bit ILIP(3:0) in register 0x4
(see Figure 23).
Figure 23: ILIP Parameter Effect on Index Shape
By default, the ILIP parameter is 0000. The
index rising edge is aligned with the channel B
falling edge and the index length is half the A or
B pulse length.
ABZ Hysteresis
A hysteresis larger than the output noise is
introduced on the ABZ output to prevent any
spurious transitions (see Figure 24).
Figure 24: Hysteresis of the Incremental
OutputABZ Jitter
The ABZ state is updated at a frequency of
16MHz, enabling accurate operation up to a
very high rpm (above 105 rpm).
The jitter characterizes how far a particular ABZ
edge can occur at an angular position different
from the ideal position (see Figure 25).
Figure 25: ABZ Jitter
The
measurable
jitter
is
composed
of
a
systematic jitter (always the same deviation at a
given angle) and a random jitter.
The random jitter reflects the sensor noise, so
the edge distribution is the same as the SPI
output noise. Like the sensor resolution, it is
defined as the 3σ width of this distribution.
The random jitter is a function of the rotation
speed. At lower speeds, the random jitter is
smaller than the sensor noise (see the Typical
Characteristic curves on page 7).
This is a consequence of the fact that the
probability of measuring an edge at a certain
distance from the ideal position depends on the
number of ABZ updates at this position.
The minimum field for ABZ reading is 30mT.
Block Commutation – UVW
The UVW output emulates the three Hall
switches
usually
used
for
the
block
commutation of a three-phase electric motor.
The three logic signals have a duty cycle of
50% and are shifted by 60° relative to each
other (see Figure 26 on page 25).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com