Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAQ430 Datasheet(PDF) 30 Page - MPS Industries, Inc.

Part # MAQ430
Description  12-Bit, Automotive Angle Sensor with ABZ & UVW Incremental Outputs
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MAQ430 Datasheet(HTML) 30 Page - MPS Industries, Inc.

Back Button MAQ430 Datasheet HTML 22Page - MPS Industries, Inc. MAQ430 Datasheet HTML 23Page - MPS Industries, Inc. MAQ430 Datasheet HTML 24Page - MPS Industries, Inc. MAQ430 Datasheet HTML 25Page - MPS Industries, Inc. MAQ430 Datasheet HTML 26Page - MPS Industries, Inc. MAQ430 Datasheet HTML 27Page - MPS Industries, Inc. MAQ430 Datasheet HTML 28Page - MPS Industries, Inc. MAQ430 Datasheet HTML 29Page - MPS Industries, Inc. MAQ430 Datasheet HTML 30Page - MPS Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 30 / 30 page
background image
MAQ430 – 12-BIT, AUTOMOTIVE ANGLE SENSOR WITH ABZ & UVW OUTPUTS
Notice: The information in this document is subject to change without notice. Users should warrant and guarantee that third-
party Intellectual Property rights are not infringed upon when integrating MPS products into any application. MPS will not
assume any legal responsibility for any said applications.
MAQ430 Rev. 1.2
www.MonolithicPower.com
30
8/8/2022
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2022 MPS. All Rights Reserved.
REVISION HISTORY
Revision #
Revision Date
Description
Pages Updated
1.0
4/20/2018
Initial Release
-
1.1
6/22/2021
Updated the operation temperature to 150°C.
1
Updated the maximum junction temperature and storage
temperature.
3
Added INL characteristic at 150°C in Electrical
Characteristics section.
5
1.2
8/8/2022
Updated legal notice; updated Typical Application figure.
1
Added pull-up resistor parameter in General Characteristics
table.
6
Updated ABZ Jitter, Noise Spectrum, and Non-Linearity
plots.
7
Updated the MGL hysteresis direction in Figure 21.
21
Updated Magnetic Field Thresholds section; added MGL
Application Note section, MGL Workarounds section, and
Table 15.
22
Updated ABZ Incremental Encoder Output section.
23
Minor formatting updates.
All



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com