Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAQ430 Datasheet(PDF) 19 Page - MPS Industries, Inc.

Part # MAQ430
Description  12-Bit, Automotive Angle Sensor with ABZ & UVW Incremental Outputs
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MAQ430 Datasheet(HTML) 19 Page - MPS Industries, Inc.

Back Button MAQ430 Datasheet HTML 15Page - MPS Industries, Inc. MAQ430 Datasheet HTML 16Page - MPS Industries, Inc. MAQ430 Datasheet HTML 17Page - MPS Industries, Inc. MAQ430 Datasheet HTML 18Page - MPS Industries, Inc. MAQ430 Datasheet HTML 19Page - MPS Industries, Inc. MAQ430 Datasheet HTML 20Page - MPS Industries, Inc. MAQ430 Datasheet HTML 21Page - MPS Industries, Inc. MAQ430 Datasheet HTML 22Page - MPS Industries, Inc. MAQ430 Datasheet HTML 23Page - MPS Industries, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 30 page
background image
MAQ430 – 12-BIT, AUTOMOTIVE ANGLE SENSOR WITH ABZ & UVW OUTPUTS
MAQ430 Rev. 1.2
www.MonolithicPower.com
19
8/8/2022
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2022 MPS. All Rights Reserved.
REGISTER SETTINGS
Zero Setting
The zero position of the MagAlpha (a0) can be
programmed with 16 bits of resolution. The
angle streamed out by the MagAlpha (aout) is
given by Equation (2):
0
a
a
a
raw
out
(2)
Where araw is the raw angle provided by the
MagAlpha front end.
The parameter Z(15:0), which is zero by
default, is the complementary angle of the zero
setting. In decimals, it can be written as shown
in Equation (3):
)
0
:
15
(
2
16
0
Z
a
(3)
Table 8 shows the zero setting parameter.
Table 8: Zero Setting Parameter
Z(15:0)
Zero pos.
a0 (16-bit dec)
Zero pos.
a0 (deg)
0
65536
360.000
1
65535
359.995
2
65534
359.989
…
…
…
65534
2
0.011
65535
1
0.005
Example
To set the zero position to 20 degrees, the
Z(15:0)
parameter
shall
be
equal
to the
complementary angle and can be calculated
with Equation (4):
61895
2
deg
360
deg
20
2
)
0
:
15
(
16
16
Z
(4)
In binary, it is written as 1111 0001 1100 0111.
Table 9 shows the content of registers 0 and 1.
Table 9: Register Content
Reg Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0
0
1
1
0
0
0
1
1
1
1
1
1
1
1
0
0
0
1
Rotation Direction
By default, when looking at the top of the
package,
the
angle
increases
when
the
magnetic field rotates clockwise (CW) (see
Figure 15 and Table 10).
Figure 15: Positive Rotation Direction of the
Magnetic Field
Table 10: Rotation Direction Parameter
RD
Positive Direction
0
Clockwise (CW)
1
Counterclockwise (CCW)
BCT Settings (Bias Current Trimming)
Side-Shaft
When the MAQ430 is mounted on the side of
the magnet, the relation between the field angle
and the mechanical angle is no longer directly
linear. This effect is related to the fact that the
tangential magnetic field is usually smaller than
the radial field. Define the field ratio k with
Equation (5):
tan
/ B
B
k
rad
(5)
Where Brad is the maximum radial magnetic
field, and Btan is the maximum tangential
magnetic field (see Figure 16).
Figure 16: Side-Shaft Field
The ratio k depends on the magnet geometry
and distance to the sensor. Having a k ratio
different than 1 results in the sensor output
response not being linear with respect to the
mechanical angle. Note that the error curve has
the shape of a double sinewave (see Figure
18). E is the amplitude of this error.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com