Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAQ430 Datasheet(PDF) 11 Page - MPS Industries, Inc.

Part # MAQ430
Description  12-Bit, Automotive Angle Sensor with ABZ & UVW Incremental Outputs
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MAQ430 Datasheet(HTML) 11 Page - MPS Industries, Inc.

Back Button MAQ430 Datasheet HTML 7Page - MPS Industries, Inc. MAQ430 Datasheet HTML 8Page - MPS Industries, Inc. MAQ430 Datasheet HTML 9Page - MPS Industries, Inc. MAQ430 Datasheet HTML 10Page - MPS Industries, Inc. MAQ430 Datasheet HTML 11Page - MPS Industries, Inc. MAQ430 Datasheet HTML 12Page - MPS Industries, Inc. MAQ430 Datasheet HTML 13Page - MPS Industries, Inc. MAQ430 Datasheet HTML 14Page - MPS Industries, Inc. MAQ430 Datasheet HTML 15Page - MPS Industries, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
MAQ430 – 12-BIT, AUTOMOTIVE ANGLE SENSOR WITH ABZ & UVW OUTPUTS
MAQ430 Rev. 1.2
MonolithicPower.com
11
8/8/2022
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2022 MPS. All Rights Reserved.
Figure 4: End-of-Shaft Mounting
If the end-of-shaft position is not available, the
sensor can be positioned away from the
rotation axis of a cylinder or ring magnet (see
Figure 5). In this case, the magnetic field angle
is
no
longer
directly
proportional
to
the
mechanical
angle.
The
MAQ430
can
be
adjusted to compensate for this effect and
recover
the
linear
relation
between
the
mechanical angle and the sensor output. With
multiple
pole
pair
magnets,
the
MAQ430
indicates multiple rotations for each mechanical
turn.
Figure 5: Side-Shaft Mounting
Electrical Mounting and Power Supply
Decoupling
It is recommended to place a 1µF decoupling
capacitor close to the sensor with a low
impedance path to GND (see Figure 6).
Figure 6: Connection for Supply Decoupling
Generally, the MagAlpha works fine with or
without the exposed pad connected to anything.
For optimum conditions (electrically, thermally,
and mechanically), it is recommended that the
exposed pad be connected to ground.
Serial Interface
The sensor supports the SPI serial interface for
angle reading and register programming.
SPI
SPI
is
a
4-wire,
synchronous,
serial
communication
interface.
The
MagAlpha
supports SPI Mode 3 and Mode 0 (see Table 1
and Table 2). The SPI Mode (0 or 3) is detected
automatically by the sensor and therefore does
not require any action from the user. The
maximum clock rate supported on SPI is
25MHz. There is no minimum clock rate. Note
that real life data rates depend on PCB layout
quality and signal trace length. See Figure 7,
Figure 8, and Table 3 for SPI timing.
All commands to the MagAlpha (whether for
writing or reading register content) must be
transferred through the SPI MOSI pin and must
be 16 bits long.
For checking the integrity of the data received
(angle or register content) the master shall send
a 17th clock count and receive a parity bit.
See the SPI Communication section on page
13 for details.
Table 1: SPI Specification
Mode 0
Mode 3
SCLK idle state
Low
High
Data capture
On SCLK rising edge
Data transmission
On SCLK falling edge
CS idle state
High
Data order
MSB first
Table 2: SPI Standard
Mode 0
Mode 3
CPOL
0
1
CPHA
0
1
Data order (DORD)
0 (MSB first)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com