Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAQ430 Datasheet(PDF) 15 Page - MPS Industries, Inc.

Part # MAQ430
Description  12-Bit, Automotive Angle Sensor with ABZ & UVW Incremental Outputs
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MAQ430 Datasheet(HTML) 15 Page - MPS Industries, Inc.

Back Button MAQ430 Datasheet HTML 11Page - MPS Industries, Inc. MAQ430 Datasheet HTML 12Page - MPS Industries, Inc. MAQ430 Datasheet HTML 13Page - MPS Industries, Inc. MAQ430 Datasheet HTML 14Page - MPS Industries, Inc. MAQ430 Datasheet HTML 15Page - MPS Industries, Inc. MAQ430 Datasheet HTML 16Page - MPS Industries, Inc. MAQ430 Datasheet HTML 17Page - MPS Industries, Inc. MAQ430 Datasheet HTML 18Page - MPS Industries, Inc. MAQ430 Datasheet HTML 19Page - MPS Industries, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 30 page
background image
MAQ430 – 12-BIT, AUTOMOTIVE ANGLE SENSOR WITH ABZ & UVW OUTPUTS
MAQ430 Rev. 1.2
www.MonolithicPower.com
15
8/8/2022
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2022 MPS. All Rights Reserved.
SPI Write Register
Table
5
shows
the
programmable
8-bit
registers. Data written to these registers are
stored in the on-chip non-volatile memory and
reloaded automatically during power on. The
factory default register values are shown in
Table 6.
A write register operation is constituted of two
16-bit frames. The first frame sends a write
request which contains the 3-bit write command
(100) followed by the 5-bit register address and
the 8-bit value (MSB first). The second frame
returns
the
newly
written
register
value
(acknowledge).
The on-chip memory is guaranteed to endure
1,000 write cycles at 25°C.
It is important to wait 20ms between the first
and the second frame. This is the time taken to
write
the
non-volatile
memory.
Failure
to
implement this wait period results in the
register
’s previous value being read. Note that
this delay is only required after a write request.
A read register request and read angle do not
require this wait time.
The first 16-bit SPI frame (write request) is:
MSB
LSB
MISO
Angle(15:0)
command
reg. address
reg. value
MOSI
1
0
0
A4 A3 A2 A1 A0 V7 V6 V5 V4 V3 V2 V1 V0
The second 16-bit SPI frame (response) is:
reg. value
MISO V7 V6 V5 V4 V3 V2 V1 V0
0 0 0 0 0 0 0 0
MSB
LSB
MOSI
0
The read-back register content can be used to
verify the register programming. See Figure 13
for a complete transmission overview.
For example, to set the value of the output
rotation direction (RD) to counterclockwise
(high), write register 9 by sending the following
first frame:
MSB
LSB
MISO
Angle(15:0)
command
reg. address
reg. value
MOSI
1
0
0
0
1
0
0
1
1 0 0 0 0 0 0 0
Send the second frame after a 20ms wait time.
If the register is correctly written, the reply is:
reg. value
MISO 1 0 0 0 0 0 0 0
0 0 0 0 0 0 0 0
MSB
LSB
MOSI
0
See Figure 14 for a complete example.
Figure 13: Overview of Two 16-Bit Frames Write Register Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com