Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAQ430 Datasheet(PDF) 14 Page - MPS Industries, Inc.

Part # MAQ430
Description  12-Bit, Automotive Angle Sensor with ABZ & UVW Incremental Outputs
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MAQ430 Datasheet(HTML) 14 Page - MPS Industries, Inc.

Back Button MAQ430 Datasheet HTML 10Page - MPS Industries, Inc. MAQ430 Datasheet HTML 11Page - MPS Industries, Inc. MAQ430 Datasheet HTML 12Page - MPS Industries, Inc. MAQ430 Datasheet HTML 13Page - MPS Industries, Inc. MAQ430 Datasheet HTML 14Page - MPS Industries, Inc. MAQ430 Datasheet HTML 15Page - MPS Industries, Inc. MAQ430 Datasheet HTML 16Page - MPS Industries, Inc. MAQ430 Datasheet HTML 17Page - MPS Industries, Inc. MAQ430 Datasheet HTML 18Page - MPS Industries, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 30 page
background image
MAQ430 – 12-BIT, AUTOMOTIVE ANGLE SENSOR WITH ABZ & UVW OUTPUTS
MAQ430 Rev. 1.2
www.MonolithicPower.com
14
8/8/2022
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2022 MPS. All Rights Reserved.
last eight bits of the frame must be all set to
zero. The second frame returns the 8-bit
register value (MSB byte).
The first 16-bit SPI frame (read request) is:
MSB
LSB
MISO
Angle(15:0)
command
reg. address
MOSI
0
1
0
A4 A3 A2 A1 A0
0 0 0 0 0 0 0 0
The second 16-bit SPI frame (response) is:
reg. value
MISO V7 V6 V5 V4 V3 V2 V1 V0
0 0 0 0 0 0 0 0
MSB
LSB
MOSI
0
See Figure 11 for a complete transmission
overview.
For example, to get the value of the magnetic
level high and low flags (MGH and MGL). Read
register 27 (bit 6, bit 7) by sending the following
first frame:
MSB
LSB
MISO
Angle(15:0)
command
reg. address
MOSI
0
1
0
1
1
0
1
1
0 0 0 0 0 0 0 0
In the second frame, the MagAlpha replies:
reg. value
MISO MGH MGL X X X X X X
0 0 0 0 0 0 0 0
MSB
LSB
MOSI
0
See
Figure
12
for
a
complete
example
overview.
Figure 11: Two 16-Bit Frames Read Register Operation
Figure 12: Example Read Magnetic Level Flags High and Low (MGH, MGH) on Register 27, Bit 7 to Bit 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com