Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAQ430 Datasheet(PDF) 18 Page - MPS Industries, Inc.

Part # MAQ430
Description  12-Bit, Automotive Angle Sensor with ABZ & UVW Incremental Outputs
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MAQ430 Datasheet(HTML) 18 Page - MPS Industries, Inc.

Back Button MAQ430 Datasheet HTML 14Page - MPS Industries, Inc. MAQ430 Datasheet HTML 15Page - MPS Industries, Inc. MAQ430 Datasheet HTML 16Page - MPS Industries, Inc. MAQ430 Datasheet HTML 17Page - MPS Industries, Inc. MAQ430 Datasheet HTML 18Page - MPS Industries, Inc. MAQ430 Datasheet HTML 19Page - MPS Industries, Inc. MAQ430 Datasheet HTML 20Page - MPS Industries, Inc. MAQ430 Datasheet HTML 21Page - MPS Industries, Inc. MAQ430 Datasheet HTML 22Page - MPS Industries, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 30 page
background image
MAQ430 – 12-BIT, AUTOMOTIVE ANGLE SENSOR WITH ABZ & UVW OUTPUTS
MAQ430 Rev. 1.2
www.MonolithicPower.com
18
8/8/2022
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2022 MPS. All Rights Reserved.
Table 7: Programming Parameters
Parameters
Symbol
Number of
Bits
Description
See Table
Zero setting
Z
16
Sets the zero position.
8
Bias current
trimming
BCT
8
For side-shaft configuration: reduces the
bias current of the X or Y Hall device.
11
Enable trimming X
ETX
1
Biased current trimmed in the X-direction
Hall device.
12
Enable trimming Y
ETY
1
Biased current trimmed in the Y-direction
Hall device.
12
Pulses per turn
PPT
8
Number of pulses per turn of the ABZ
output.
15
Index length / index
position
ILIP
4
Parametrization of the ABZ index pulse.
Fig. 23
Magnetic field high
threshold
MGHT
3
Sets the field strength high threshold.
14
Magnetic field low
threshold
MGLT
3
Sets the field strength low threshold.
14
Number of pole
pairs
NPP
3
UVW cycles per turn for motor
commutation.
17
Rotation direction
RD
1
Determines the sensor positive direction.
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com